LDS0705-680M-R
AI

The **LDS0705-680M-R** is a specific type of electronic component categorized as a **Surface Mount (SMD) Power Inductor**. It is commonly used in power management circuits to store energy in a magnetic field.
---
### 1. Technical Specifications
Below are the typical technical parameters associated with this part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 68 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by the "M") |
| **Part Series** | LDS0705 (Physical Size Category) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **RoHS Status** | Compliant (indicated by the "-R") |
| **Dimensions (Approx)** | ~7.0mm x 7.8mm x 5.0mm |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the component characteristics:
- **LDS**: The manufacturer's series code (often unshielded or semi-shielded power inductors).
- **0705**: The physical dimensions of the package (approximately 7mm diameter and 5mm height).
- **680**: The inductance value code. "68" followed by "0" zeros equals **68 µH**.
- **M**: The tolerance code (M = ±20%).
- **R**: Indicates compliance with **RoHS** (Lead-free) regulations.
---
### 3. Key Functions & Applications
The LDS0705-680M-R is primarily designed for high-current applications where space is a consideration.
#### Functions:
1. **Energy Storage:** Stores energy during the "on" cycle of a switching regulator and releases it during the "off" cycle.
2. **Filtering:** Smooths out ripples in DC-DC converters to provide a steady voltage.
3. **Impedance:** Blocks high-frequency AC signals while allowing DC to pass.
#### Common Applications:
* **DC/DC Converters:** Used in step-up (boost) or step-down (buck) power supplies.
* **Consumer Electronics:** Power modules for Laptops, LED TVs, and Game Consoles.
* **Telecommunications:** Base stations and networking equipment power management.
* **Industrial:** Power supplies for sensors and control units.
---
### 4. Selection Considerations
When using this part in a circuit, engineers must consider:
* **Isat (Saturation Current):** The current at which the inductance drops by a specific percentage (usually 10-30%).
* **Irms (RMS Current):** The continuous current that causes a specific temperature rise (usually 40°C).
* **DCR (DC Resistance):** The internal resistance of the copper wire; lower DCR results in higher efficiency and less heat.
- ⤷What is the typical saturation current for an inductor of this size?
- ⤷ Can I substitute a shielded inductor for this unshielded LDS series?
- ⤷ How do I calculate the ripple current for a 68uH inductor in a buck converter?