Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LDS0705-820M-R

  • AI
    ## LDS0705-820M-R: Electronic Component Overview The **LDS0705-820M-R** is a specific model of a **Shielded Power Inductor**. These components are surface-mount devices (SMD) designed for DC-to-DC conversion and power management circuits where space is limited and electromagnetic interference (EMI) must be minimized. --- ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 82 $\mu$H | The nominal inductance value. | | **Tolerance** | ±20% (M) | The allowable variance from nominal inductance. | | **Case Size** | 0705 | Dimensions (approx. 7.0mm x 7.0mm x 5.0mm). | | **Construction** | Shielded | Ferrite drum core with a magnetic shield. | | **Mounting Type** | SMD/SMT | Surface Mount Technology. | | **DC Resistance (DCR)** | Typ. ~0.2 - 0.3 $\Omega$ | Resistance of the internal copper wire. | | **Saturation Current** | Approx. 1.0A - 1.5A | The current at which inductance drops by a specific %. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: * **LDS**: Series prefix (typically signifies Low Profile, Shielded Inductors). * **0705**: Physical dimensions (7.0 mm x 5.0 mm height/profile). * **820**: Inductance code. "82" is the value, and "0" is the multiplier ($10^0$). Result = **82 $\mu$H**. * **M**: Tolerance code ($M = \pm20\%$). * **R**: Typically stands for **RoHS Compliant** or Tape & Reel packaging. --- ### 3. Key Features and Applications #### Features * **Magnetic Shielding:** The magnetic field is contained within the component, preventing it from interfering with nearby sensitive components (EMI reduction). * **High Energy Storage:** Designed to handle power ripples in voltage regulators. * **Robust Construction:** Capable of withstanding high-temperature reflow soldering. #### Applications * **DC-to-DC Converters:** Used in Buck, Boost, and SEPIC converters. * **Power Supplies:** Common in laptop adapters, servers, and industrial power units. * **Consumer Electronics:** Found in LED drivers, TVs, and telecommunication hardware. --- ### 4. Selection Considerations When replacing or designing with this part, consider the following: 1. **Isat (Saturation Current):** Ensure the peak circuit current does not exceed the inductor's saturation point, or efficiency will drop. 2. **Irms (Heating Current):** Ensure the continuous RMS current does not cause the inductor to overheat beyond its rated temperature (usually +40°C rise). 3. **Footprint:** Ensure the PCB pads match the 0705 dimensions to prevent soldering failures.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the LDS0705 series?
    • ⤷ How does the DCR of this inductor affect the efficiency of a power supply?
    • ⤷ What is the difference between a shielded and an unshielded inductor in terms of performance?