LDS0705-8R2M-R
AI

The **LDS0705-8R2M-R** is a specific model of a surface-mount (SMD) power inductor. These components are essential in power management circuits for filtering and energy storage.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **LDS** | Series Code | Low profile, shielded or unshielded drum core series (manufacturer dependent). |
| **0705** | Case Size | Dimensions approximately 7.0mm x 7.0mm (Width/Length) and 5.0mm (Height). |
| **8R2** | Inductance Value | **8.2 µH** (R acts as a decimal point). |
| **M** | Tolerance | **±20%** (Standard for power inductors). |
| **R** | Packaging | Typically denotes **Tape & Reel** packaging for automated assembly. |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (such as Sumida or local equivalents), typical specs for an 8.2µH 0705 inductor are:
* **Inductance:** 8.2 µH
* **DC Resistance (DCR):** Usually in the range of 0.03Ω to 0.06Ω (lower is better for efficiency).
* **Rated Current (Isat/Irms):** Typically between **1.5A to 3.0A**, depending on the core material and thermal limits.
* **Operating Temperature:** Generally -40°C to +125°C.
* **Construction:** Ferrite drum core with copper wire winding.
---
### 3. Applications and Usage
This part is commonly found in circuits where voltage needs to be regulated or noise needs to be suppressed.
#### Common Circuits:
* **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) converters to store energy during the switching cycle.
* **Voltage Regulator Modules (VRM):** Provides stable power to microprocessors.
* **EMI Filtering:** Used in power supply lines to filter out high-frequency electronic noise.
#### Why use this specific size?
The **0705** footprint is a "medium" size. It provides a balance between high current handling (which requires thicker wire) and a compact footprint for modern PCBs (Printed Circuit Boards).
---
### 4. Typical Internal Construction (Conceptual)
```yaml
Component: SMD Power Inductor
Structure:
- Core: Ferrite (High permeability)
- Winding: Enameled Copper Wire
- Terminals: Tin-plated (Lead-free/RoHS compliant)
- Shielding: May be unshielded (cheaper) or semi-shielded (lower EMI)
```
- ⤷
What are the equivalent alternative part numbers for the LDS0705 series?
- ⤷ How does the 'Isat' rating affect the performance of this inductor in a circuit?
- ⤷ Is the LDS0705-8R2M-R shielded or unshielded?