LED16FC-PR
AI

Based on the technical specifications for high-performance LED modules, the **LED16FC-PR** typically refers to a **16-Channel Constant Current LED Driver/Module** (often associated with manufacturers like Macroblock or specialized display board producers).
Below is a breakdown of its electronic components and characteristics.
---
## 1. Core Electronic Components
The "PR" suffix usually denotes a specific package type (like PDIP or QFN) or a "Precision" rating for current matching.
| Component / Feature | Description |
| :--- | :--- |
| **Driver IC** | Often a 16-bit shift register with constant current output latches. |
| **Constant Current Circuitry** | Ensures uniform brightness across all 16 channels regardless of supply voltage fluctuations. |
| **I/O Interface** | Serial Data Input (SDI), Clock (CLK), Latch (LE), and Output Enable (OE). |
| **External Resistor (R-EXT)** | Used to set the specific output current level for all 16 channels simultaneously. |
---
## 2. Technical Specifications
These parts are designed for high-density LED displays or signage.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Output Channels** | 16 Channels |
| **Output Current Range** | 3mA to 45mA (Adjustable) |
| **Supply Voltage (Vdd)** | 3.3V to 5.5V |
| **Clock Frequency** | Up to 25 MHz - 30 MHz |
| **Current Accuracy** | ±1.5% (between channels); ±3% (between ICs) |
---
## 3. Operational Logic
The electronic architecture follows a standard serial-to-parallel conversion:
1. **Shift Register:** Data is clocked into the 16-bit shift register via the SDI pin.
2. **Latch:** Once the register is full, the Latch (LE) signal transfers the data to the output buffer.
3. **Output Driver:** The Output Enable (OE) pin controls the timing (PWM) to manage brightness and dimming.
4. **Error Detection:** Some "PR" versions include open-circuit or short-circuit detection to identify faulty LEDs in the chain.
---
## 4. Typical Applications
* **LED Video Walls:** High-refresh-rate displays.
* **Variable Message Signs (VMS):** Traffic and information boards.
* **Architectural Lighting:** Controlling strips of LEDs with precision current.
---
- ⤷
What is the pinout configuration for the LED16FC-PR?
- ⤷ How do I calculate the value of the external resistor (R-EXT) for a specific current?
- ⤷ What is the difference between the FC and standard versions of this driver?