Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LED18

  • AI
    In electronics, **LED18** typically refers to a standard **1.8mm Miniature LED**. While larger LEDs (3mm and 5mm) are more common, the 1.8mm variant is used in high-density circuit boards and compact displays. --- ### 1. Key Technical Specifications The electrical characteristics of an LED18 depend heavily on its color, but general parameters are as follows: | Parameter | Typical Value (Red/Yellow) | Typical Value (Blue/White/Green) | | :--- | :--- | :--- | | **Forward Voltage ($V_f$)** | 1.8V – 2.2V | 3.0V – 3.4V | | **Forward Current ($I_f$)** | 20mA (Standard) | 20mA (Standard) | | **Peak Wavelength** | 630nm (Red) | 470nm (Blue) | | **Luminous Intensity** | 100 – 500 mcd | 500 – 2000+ mcd | | **Viewing Angle** | 20° – 40° | 20° – 40° | ### 2. Physical Construction The 1.8mm LED is often referred to as a "Subminiature" or "Tower" LED. - **Housing:** Usually features a cylindrical body with a rounded or flat top. - **Leads:** Consists of two metal pins: - **Anode (+):** The longer lead. - **Cathode (-):** The shorter lead, often marked by a flat spot on the plastic casing. - **Small Footprint:** Ideal for mounting in tight spaces where a 3mm LED would be too bulky. ### 3. Circuit Integration To prevent the LED from burning out, a **Current Limiting Resistor** must be used in series. #### Calculation Formula: Use Ohm's Law to find the required resistor ($R$): $$R = \frac{V_{source} - V_f}{I_f}$$ **Example:** If using a 5V power supply for a Red LED18 ($V_f = 2V, I_f = 0.02A$): ```text R = (5V - 2V) / 0.02A R = 150 Ohms ``` ### 4. Common Applications 1. **Status Indicators:** Small power or "ON" lights on compact consumer electronics. 2. **Backlighting:** Illuminating small LCD screens or tactile buttons. 3. **Model Hobbyists:** Used in scale models (trains, planes) due to their tiny size. 4. **Fiber Optics:** Sometimes used as light sources for short-range plastic optical fibers. ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between 1.8mm and 3mm LEDs in terms of light output?
    • ⤷ How do I identify the polarity of a 1.8mm LED if the leads have been cut?
    • ⤷ Can I use a 1.8mm LED in a 12V automotive circuit?