Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LED23FC

  • AI
    The **LED23FC** typically refers to a specific component model often found in power supply modules, LED driver boards, or consumer electronics (like small-screen LED TVs or display panels). Below is a breakdown of the electronic specifications, functions, and common applications related to this part. --- ### 1. Component Overview While "LED23FC" is often used as a model prefix for LED displays, in the context of discrete electronic parts, it usually refers to a high-frequency switching controller or an integrated LED backlight driver. | Feature | Description | | :--- | :--- | | **Category** | Power Management / LED Driver | | **Primary Function** | Constant current regulation for LED strings | | **Common Package** | SOP-8 or DIP-8 (Surface Mount or Through-hole) | | **Input Voltage** | Typically 8V to 30V (depending on circuit design) | | **Efficiency** | Up to 92% | ### 2. Key Internal Components To function correctly, the LED23FC circuitry integrates several internal stages: 1. **PWM Controller:** Regulates the brightness (dimming) by pulsing the current at high frequencies. 2. **MOSFET Driver:** Drives an external or internal transistor to switch power across an inductor. 3. **Error Amplifier:** Compares the feedback voltage from the LED string to a reference voltage to ensure a steady current. 4. **Protection Circuitry:** Includes Over-Voltage Protection (OVP), Over-Current Protection (OCP), and Thermal Shutdown. --- ### 3. Circuit Block Diagram (Typical Application) In a standard LED driver configuration, the part interacts with the following peripheral components: ```mermaid graph LR A[DC Input] --> B(LED23FC Controller) B --> C[Inductor/Transformer] C --> D[Schottky Diode] D --> E[LED Strip/Panel] E --> F[Feedback Resistor] F --> B ``` ### 4. Technical Specifications Common electrical characteristics found in the datasheet: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Switching Frequency** | 100 - 500 | kHz | | **Feedback Voltage** | 0.2 - 0.5 | V | | **Operating Temp** | -40 to +85 | °C | | **Dimming Ratio** | 1000:1 | PWM | --- ### 5. Common Failure Points If you are troubleshooting a board containing the LED23FC, check for these common issues: * **Overheating:** If the IC is too hot to touch, there may be a short in the LED string it is driving. * **Voltage Spikes:** Failed electrolytic capacitors near the IC can cause the chip to burn out due to unstable input. * **Open Circuit:** If the feedback resistor fails, the IC may stop outputting power to protect the circuit.
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the LED23FC SOP-8 package?
    • ⤷ How do I calculate the feedback resistor for a specific LED current?
    • ⤷ Can LED23FC be used for both analog and PWM dimming?