Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LED24VCORD

  • AI
    The term **LED24VCORD** typically refers to a power supply assembly or a specialized cabling system designed for 24V LED lighting. These components are essential for converting high-voltage AC (from a wall outlet) into regulated low-voltage DC required by LEDs. --- ### Core Electronic Components An LED power cord/driver assembly consists of several critical electronic stages: | Component | Function | Description | | :--- | :--- | :--- | | **AC Plug & Input Cord** | Power Intake | Receives 110V/220V AC from the mains. | | **Bridge Rectifier** | Conversion | Converts Alternating Current (AC) to Pulsating Direct Current (DC). | | **Filter Capacitor** | Smoothing | Smooths out voltage ripples to provide a steady DC signal. | | **Switching MOSFET** | Regulation | Rapidly switches the power on/off to regulate output efficiency. | | **Transformer** | Isolation | Steps down the high voltage to a safe 24V level. | | **Output DC Cable** | Transmission | Carries the 24V DC to the LED strip or fixture. | --- ### Technical Specifications When dealing with a 24V LED system, these specifications are standard: * **Output Voltage:** Fixed 24V DC (Constant Voltage). * **Current Rating:** Measured in Amps (A). Common values are 1A, 2A, or 5A. * **Wattage Calculation:** $W = V \times A$. (e.g., $24V \times 2A = 48W$). * **Connector Type:** Usually a 5.5mm x 2.1mm DC barrel jack or a proprietary 2-pin connector. --- ### Why 24V instead of 12V? The use of a 24V cord/system offers specific electronic advantages over 12V systems: 1. **Lower Voltage Drop:** You can run longer lengths of cord/LED strips without the lights dimming at the end. 2. **Higher Efficiency:** 24V systems require half the current (Amperage) to deliver the same power (Wattage), reducing heat in the wires. 3. **Thinner Gauge Wire:** Because the current is lower, the internal copper wiring in the cord can be thinner while maintaining safety. --- ### Safety Features to Look For ```json { "safety_standards": ["UL Listed", "CE Certified", "RoHS Compliant"], "protections": [ "Short Circuit Protection (SCP)", "Over Voltage Protection (OVP)", "Over Current Protection (OCP)" ] } ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the wattage needed for a 24V LED cord?
    • ⤷ What is the difference between constant voltage and constant current LED drivers?
    • ⤷ Can I use a 24V cord on a 12V LED strip safely?