LED34FC
AI

The term **LED34FC** typically refers to a specific type of LED component, often categorized within the **T-1 (3mm)** through-hole package family. These are widely used as indicator lights in consumer electronics, automotive dashboards, and industrial control panels.
Below is a technical breakdown of the electronic parts and specifications associated with this component.
---
### 1. Technical Specifications
The standard electrical characteristics for an LED of this series are summarized in the table below:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Forward Voltage ($V_f$)** | 2.0 - 3.2 (Color dependent) | Volts (V) |
| **Forward Current ($I_f$)** | 20 | Milliamps (mA) |
| **Lens Diameter** | 3.0 | Millimeters (mm) |
| **Viewing Angle** | 30 - 60 | Degrees (°) |
| **Luminous Intensity** | 50 - 500 (Depending on mcd rating) | Millicandela (mcd) |
### 2. Physical Components
An LED34FC is comprised of several micro-components housed within the plastic epoxy:
1. **Epoxy Lens/Body:** The "34" usually denotes the 3mm size. The "FC" often indicates a "Flangeless" or "Cylindrical" housing, allowing for flush mounting on panels.
2. **Anode (+):** The longer lead, which connects to the positive terminal of the power supply.
3. **Cathode (-):** The shorter lead, usually marked by a flat edge on the LED’s circular base.
4. **Semiconductor Die:** The actual "heart" of the LED (often Gallium Arsenide or Gallium Nitride) that emits light when current passes through it.
5. **Bond Wire:** A microscopic gold wire connecting the leads to the semiconductor die.
### 3. Circuit Implementation
To use an LED34FC safely, you must use a **Current Limiting Resistor** to prevent the component from burning out.
**Formula:**
`R = (V_source - V_forward) / I_forward`
**Example Calculation (for a 5V source):**
```python
# Standard LED Calculation
source_voltage = 5.0
forward_voltage = 2.0 # (Example for Red LED)
target_current = 0.02 # (20mA)
resistor_value = (source_voltage - forward_voltage) / target_current
print(f"Required Resistor: {resistor_value} Ohms")
# Result: 150 Ohms
```
---
### 4. Common Applications
* **Status Indicators:** Power ON/OFF lights on routers or monitors.
* **Backlighting:** Small scale illumination for LCD screens or buttons.
* **Logic Probes:** Used in DIY electronics to visualize HIGH/LOW signals.
- ⤷
How do I identify the positive and negative leads if they have been cut to the same length?
- ⤷ What is the difference between a water-clear lens and a diffused lens in the LED34 series?
- ⤷ Can I drive an LED34FC directly from an Arduino digital pin?