LED35
AI

An LED (Light Emitting Diode) labeled with "35" typically refers to the physical dimensions of the component in the SMD (Surface Mount Device) format, specifically the **SMD 3528**.
---
## 1. Physical Specifications
The "35" stands for **3.5mm**, representing the length of the LED chip.
| Feature | Specification |
| :--- | :--- |
| **Dimensions** | 3.5mm x 2.8mm |
| **Shape** | Rectangular |
| **Form Factor** | SMD (Surface Mount Device) |
| **Typical Height** | 1.9mm |
---
## 2. Electronic Characteristics
The SMD 3528 is a single-die LED, meaning it contains one light-emitting crystal. It is considered a low-power LED.
### Electrical Parameters
* **Forward Voltage ($V_f$):** Usually **2.0V - 2.2V** for Red/Yellow and **3.0V - 3.4V** for Blue/White.
* **Forward Current ($I_f$):** Standard operating current is **20mA**.
* **Power Consumption:** Approximately **0.06 Watts**.
* **Luminous Intensity:** Generally ranges from **6 to 8 Lumens**.
---
## 3. Internal Components
An LED 3528 consists of several key electronic parts:
1. **Semiconductor Die:** The "heart" of the LED (Gallium Nitride for Blue/White, AlGaInP for Red).
2. **Lead Frame:** The metal structure that provides electrical connections and acts as a heat sink.
3. **Gold Wire Bond:** A microscopic wire connecting the die to the electrodes.
4. **Encapsulant:** An epoxy or silicone resin that protects the die and helps diffuse light.
5. **Phosphor Layer:** Only found in white LEDs; converts blue light into a broad white spectrum.
---
## 4. Comparison Table: 3528 vs. 5050
| Feature | SMD 3528 | SMD 5050 |
| :--- | :--- | :--- |
| **Size** | 3.5mm x 2.8mm | 5.0mm x 5.0mm |
| **Power** | 0.06W (Low) | 0.24W (High) |
| **Brightness** | ~7 Lumens | ~20 Lumens |
| **Best Use** | Accent lighting, backlighting | Task lighting, RGB color changing |
---
## 5. Circuit Implementation
When using an LED 3528, a current-limiting resistor is required to prevent burnout.
```python
# Formula to calculate Resistor (R)
# R = (Source_Voltage - Forward_Voltage) / Forward_Current
source_v = 12.0
forward_v = 3.2 # For White LED
forward_i = 0.02 # 20mA
resistor_needed = (source_v - forward_v) / forward_i
print(f"Required Resistor: {resistor_needed} Ohms")
```
- ⤷
How does the heat dissipation of a 3528 LED compare to a 5630 LED?
- ⤷ What are the polarity markings on an SMD 3528 package?
- ⤷ Can 3528 LEDs be used for high-brightness outdoor displays?