LED46-PR
AI

The **LED46-PR** refers to a specific component, often found in specialized sensor modules or custom LED indicator boards. Based on common technical specifications for this model number, it typically functions as a **High-Power Infrared (IR) Emitter or a Specialized LED Indicator Assembly**.
---
### 1. Key Electronic Specifications
The performance of the LED46-PR is defined by its electrical characteristics and optical output.
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Forward Voltage ($V_f$)** | 1.2V - 1.5V (IR) / 2.0V - 3.2V (Visible) | The voltage required to illuminate the LED. |
| **Forward Current ($I_f$)** | 20mA - 100mA | Continuous current rating for safe operation. |
| **Peak Wavelength** | 850nm - 940nm | If IR; determines the "color" of the light. |
| **View Angle** | 20° - 45° | The spread of the light beam. |
| **Lens Type** | Water Clear / Polarized | Affects light dispersion and intensity. |
---
### 2. Internal Components & Construction
The "PR" suffix often denotes **Polarized** or **Pre-Resistor** integrated features.
* **Semiconductor Die:** Usually Gallium Aluminum Arsenide (GaAlAs) for high efficiency.
* **Anode/Cathode Leads:** Standard through-hole or surface mount (SMD) pins.
* **Encapsulation:** Epoxy resin housing designed to withstand thermal expansion.
* **Integrated Resistor (Optional):** Some "PR" variants include a built-in current-limiting resistor to allow direct connection to 5V or 12V rails.
---
### 3. Implementation Circuitry
To use the LED46-PR in a circuit, a standard current-limiting configuration is required (unless it has an internal resistor).
```cpp
// Basic Calculation for Series Resistor (R)
// R = (V_source - V_forward) / I_forward
// Example for 5V Source:
// R = (5V - 1.5V) / 0.02A = 175 Ohms
```
---
### 4. Common Applications
* **Industrial Sensors:** Used in "Photo-Reflective" (PR) sensors for object detection on assembly lines.
* **Remote Controls:** High-output IR signals for long-distance communication.
* **Safety Light Curtains:** Creating invisible light barriers for machine guarding.
* **Status Indicators:** Highly visible power or error indicators on PCB control boards.
- ⤷
Does the LED46-PR require a heat sink for continuous high-current operation?
- ⤷ What is the specific peak wavelength for the IR version of this component?
- ⤷ How do I identify the anode and cathode on this specific model?