LED5000
AI

## Overview of the LED5000 Integrated Circuit
The **LED5000** is a step-down (buck) monolithic switching regulator designed by STMicroelectronics. It is specifically engineered to provide precise constant current for powering high-brightness LEDs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 5.5 V to 38 V |
| **Output Current** | Up to 3 A |
| **Switching Frequency** | Adjustable (250 kHz to 1 MHz) |
| **Feedback Voltage** | 200 mV (Internal reference) |
| **Package** | HSOP8 (with exposed pad for cooling) |
| **Efficiency** | Up to 95% |
---
### 2. Core Electronic Components & Functions
The LED5000 internal architecture consists of several critical stages:
#### A. Internal Power MOSFET
The device integrates a **high-side N-channel MOSFET**. This eliminates the need for an external transistor, reducing the PCB footprint. Because it is an N-channel FET, it uses a "bootstrap" capacitor (connected to the BOOT pin) to drive the gate.
#### B. Feedback Loop (FB Pin)
Unlike standard voltage regulators that use a 1.2V reference, the LED5000 uses a **200 mV reference**. This low threshold is crucial because:
* It minimizes power dissipation across the external sense resistor ($P = I^2 \times R$).
* It increases overall system efficiency.
#### C. Dimming Control
The LED5000 supports two types of dimming through the **DIM pin**:
1. **PWM Dimming:** A digital signal controls the LED brightness by turning the output on and off rapidly.
2. **Analog Dimming:** By applying a DC voltage to the DIM pin, the peak current can be adjusted.
#### D. Protection Circuitry
* **Overcurrent Protection (OCP):** Pulse-by-pulse current limiting.
* **Thermal Shutdown:** Automatically turns off if the junction temperature exceeds 150°C.
* **Soft-Start:** Internal circuitry prevents current spikes during power-up.
---
### 3. Application Circuit Example (Simplified)
To use the LED5000, several external components are required to complete the circuit:
```markdown
1. VIN Capacitor: Filters input noise.
2. Inductor (L): Stores energy during the switching cycle.
3. Catch Diode (Schottky): Provides a path for current when the internal switch is OFF.
4. Sense Resistor (Rsense): Sets the LED current (I_LED = 0.2V / Rsense).
5. Bootstrap Capacitor: Provides the voltage needed to turn on the high-side MOSFET.
```
---
### 4. Thermal Management
Since the LED5000 can handle up to 3A, heat dissipation is vital. The **HSOP8 package** features an exposed thermal pad on the bottom. This must be soldered to a large copper area on the PCB (usually connected to the Ground plane) to act as a heatsink.
- ⤷
How do I calculate the inductor value for an LED5000 circuit?
- ⤷ What is the difference between PWM and analog dimming on the LED5000?
- ⤷ Can the LED5000 be used in a boost configuration?