Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LED55C

  • AI
    The term **LED55C** generally refers to a specific series or model of 55-inch LED Televisions (commonly associated with brands like TCL, Hisense, or generic OEM manufacturers). Below is a breakdown of the core electronic components found within an LED55C television, categorized by their function. --- ### 1. Main Control Board (Motherboard) The "brain" of the TV. It processes input signals and converts them into data for the screen. | Component | Function | | :--- | :--- | | **System on Chip (SoC)** | The central processor that handles the OS, apps, and video scaling. | | **HDMI/Input Ports** | Interfaces for external devices (Gaming consoles, PCs). | | **Flash Memory (eMMC)** | Stores the firmware and operating system files. | | **DDR RAM** | Temporary memory used for active processes and smooth UI navigation. | ### 2. Power Supply Unit (PSU) This board converts the AC voltage from your wall outlet into the specific DC voltages required by other internal parts. * **Rectifier Circuit:** Converts AC to DC. * **Capacitors:** Filter out noise and stabilize voltage. * **Step-Down Transformers:** Lower the voltage for sensitive electronics (usually 5V, 12V, or 24V). ### 3. T-CON Board (Timing Controller) The T-CON board is the bridge between the motherboard and the LCD panel. * **Purpose:** It dictates exactly when each pixel should fire to create an image. * **Components:** Logic gates and timing crystals that synchronize the horizontal and vertical refresh rates. ### 4. Backlight System (The "LED" part) Since LCDs cannot produce their own light, they rely on a backlight array. * **LED Strips:** Typically arranged in strings. In a "55C" model, these are often **Direct-Lit** (behind the screen) or **Edge-Lit** (along the sides). * **LED Driver:** A dedicated circuit (often on the PSU) that controls the brightness and dimming of the LEDs. ### 5. The LCD Panel The physical screen consists of several layers: 1. **Polarizing Filters:** Control the orientation of light. 2. **Liquid Crystal Layer:** Twisted or untwisted by electrical charges to block or pass light. 3. **Color Filters:** Red, Green, and Blue sub-pixels. --- ### Technical Specification Overview (Common for 55C Series) ```json { "display_type": "LED-Backlit LCD", "resolution": "3840 x 2160 (4K)", "backlight_voltage": "Typically 60V - 100V DC", "logic_voltage": "1.2V, 3.3V, 5V", "refresh_rate": "60Hz / 120Hz" } ``` ---
    ✨ Follow-up Questions
    • ⤷How do I troubleshoot a backlight failure in an LED55C TV?
    • ⤷ What is the difference between the T-CON board and the Main Board?
    • ⤷ Where can I find specific replacement part numbers for a 55C power supply?