Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LED56

  • AI
    The term **LED56** typically refers to a standard size/form factor for high-intensity lamps (often used in stage lighting, pools, or locomotive headlights) with a diameter of approximately **7 inches (178mm)**. Below is an explanation of the core electronic components and technical specifications that make up an LED56 unit. --- ## 1. Core Electronic Components An LED56 unit is not just a single bulb; it is an integrated system consisting of several key parts: | Component | Function | | :--- | :--- | | **LED Array/COB** | The light source itself, usually consisting of multiple surface-mount diodes (SMD) or a single Chip-on-Board (COB) module. | | **LED Driver** | A constant current power supply that regulates voltage and prevents the LEDs from burning out due to thermal runaway. | | **Heat Sink** | Usually made of aluminum or specialized thermal plastic to dissipate heat away from the semiconductors. | | **Optics/Lens** | A polycarbonate or glass cover that determines the beam angle (e.g., Spot, Medium, or Wide flood). | | **PCB (Circuit Board)** | Typically a Metal Core Printed Circuit Board (MCPCB) to aid in thermal management. | --- ## 2. Technical Specifications Most LED56 lamps are designed to replace traditional 300W to 500W halogen PAR56 bulbs. ### Electrical Input * **Voltage:** Commonly available in **12V AC/DC** (for pools/landscape) or **100-240V AC** (for stage/industrial use). * **Wattage:** Typically ranges from **20W to 50W**, providing light equivalent to a much higher wattage halogen. ### Control Signals (For RGB/Stage Models) If the LED56 is a "Smart" or "Color-changing" version, it includes: * **DMX512 Interface:** For digital control of dimming and color. * **PWM (Pulse Width Modulation):** Used internally to dim the LEDs without changing their color temperature. --- ## 3. Comparison: LED56 vs. Traditional PAR56 | Feature | LED56 | Traditional PAR56 (Halogen) | | :--- | :--- | :--- | | **Power Consumption** | 30W - 50W | 300W - 500W | | **Lifespan** | 30,000 - 50,000 Hours | 1,000 - 2,000 Hours | | **Heat Output** | Low (Internal management) | Extremely High | | **Color Control** | RGB/Programmable | Fixed (Requires physical gels) | --- ## 4. Internal Protection Circuitry Modern LED56 units incorporate safety electronics to ensure longevity: 1. **TVS Diodes:** Protect against voltage spikes. 2. **Thermal Foldback:** A circuit that automatically dims the light if the internal temperature exceeds a safe threshold. 3. **Bridge Rectifier:** Allows the unit to operate on AC power by converting it to DC for the LEDs.
    ✨ Follow-up Questions
    • ⤷ How does a constant current driver differ from a constant voltage driver in LED56 units?
    • ⤷ What are the specific cooling challenges for LED56 lamps used in underwater pool environments?
    • ⤷ Can you explain the DMX512 protocol used to control these lights?