LED56F
AI

The **LED56F** typically refers to a standard **5.6mm (0.22 inch) 7-segment LED display**. These components are widely used in digital clocks, meters, and household appliances to display numerical data.
Below is an explanation of its electronic structure, pinout configurations, and technical specifications.
---
### 1. Internal Structure and Types
A 7-segment display consists of 7 individual LEDs (segments A through G) and often an 8th LED for the decimal point (DP). They are categorized by how their internal terminals are connected:
| Type | Description | Connection Logic |
| :--- | :--- | :--- |
| **Common Anode (CA)** | All LED anodes (+) are tied to a single pin. | Apply GND to a segment pin to turn it ON. |
| **Common Cathode (CC)** | All LED cathodes (-) are tied to a single pin. | Apply VCC to a segment pin to turn it ON. |
### 2. Standard Pinout Diagram
Most LED56F displays have 10 pins (5 on top, 5 on the bottom). While specific manufacturers vary, the general mapping is:
* **Common Pins:** Usually Pin 3 and Pin 8.
* **Segment Pins:**
* **A:** Top horizontal
* **B:** Top right vertical
* **C:** Bottom right vertical
* **D:** Bottom horizontal
* **E:** Bottom left vertical
* **F:** Top left vertical
* **G:** Middle horizontal
* **DP:** Decimal point
### 3. Electrical Characteristics
To prevent burning out the LEDs, specific electrical limits must be observed:
| Parameter | Typical Value | Note |
| :--- | :--- | :--- |
| **Forward Voltage ($V_f$)** | 1.8V - 2.2V (Red) | Varies by color (Blue/White are ~3.2V) |
| **Forward Current ($I_f$)** | 15mA - 20mA | Maximum per segment |
| **Peak Current** | 60mA - 100mA | For multiplexed/pulsed operation |
| **Power Dissipation** | 60mW - 100mW | Per segment |
### 4. Circuit Integration Tips
When using an LED56F with a microcontroller (like Arduino or ESP32), consider the following:
1. **Current Limiting Resistors:** Always place a resistor (typically **220Ω to 470Ω**) in series with each segment pin to prevent overcurrent.
2. **Driver ICs:** To save microcontroller pins, use a **74HC595 Shift Register** or a dedicated driver like the **MAX7219**.
3. **Multiplexing:** If using multiple digits, cycle through them rapidly (above 60Hz) so the human eye perceives them all as being on simultaneously.
---
- ⤷
How do I calculate the exact resistor value for a 5V circuit using LED56F?
- ⤷ What is the difference between a single-digit and a multi-digit LED56F module?
- ⤷ Can I drive an LED56F directly from an Arduino GPIO pin?