LED6000
AI

The **LED6000** is an asynchronous step-down (buck) switching regulator with an integrated n-channel power MOSFET. It is specifically designed to drive high-intensity LEDs with high efficiency and precision.
---
## 1. Core Technical Specifications
The LED6000 is often chosen for automotive and industrial lighting due to its wide input range and thermal stability.
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 4.5 V to 38 V |
| **Output Current** | Up to 3 A |
| **Switching Frequency** | 250 kHz to 1.5 MHz (Adjustable) |
| **Dimming Support** | PWM and Analog |
| **Efficiency** | Up to 95% |
| **Package** | HSOP8 (Exposed Pad) |
---
## 2. Key Electronic Components & Pins
To function, the LED6000 requires several peripheral components. Below is a breakdown of its internal logic and required external parts:
### Internal Components
* **Power MOSFET:** An integrated n-channel DMOS transistor that acts as the high-side switch.
* **Error Amplifier:** Compares the feedback voltage ($V_{FB}$) against an internal 250 mV reference.
* **Oscillator:** Generates the clock signal for the PWM control logic.
### External Supporting Parts
1. **Inductor ($L$):** Stores energy during the "ON" cycle and releases it during the "OFF" cycle to maintain constant current.
2. **Freewheeling Diode ($D$):** Usually a Schottky diode used to provide a path for the inductor current when the internal MOSFET is off.
3. **Sense Resistor ($R_{sense}$):** A low-value resistor placed in series with the LEDs. The voltage drop across this resistor is fed back to the `FB` pin to regulate current ($I_{LED} = 0.25V / R_{sense}$).
4. **Input/Output Capacitors:** Ceramic capacitors ($C_{IN}, C_{OUT}$) are used to filter voltage ripples.
---
## 3. Advanced Features
### Dimming Mechanisms
* **PWM Dimming:** Controlled via the `DIM` pin. It allows for a wide dimming range without shifting the color temperature of the LED.
* **Analog Dimming:** By injecting a voltage into the `VBIAS` or feedback network, the current can be adjusted linearly.
### Protection Circuitry
* **Overcurrent Protection (OCP):** Limits the peak current through the power MOSFET to protect the chip and the inductor.
* **Thermal Shutdown:** The device shuts down if the junction temperature exceeds ~150°C.
* **Soft-Start:** Internal circuitry limits the inrush current during power-up to prevent voltage spikes.
---
## 4. Application Schematic Overview
```text
V_IN ----[ C_IN ]----+-------[ LED6000 ]-------[ Inductor ]----+----[ LEDs ]----(
| | | |
(GND) [ D ] [ C_OUT ] [ R_sense ]
| | |
(GND) (GND) (GND)
```
- ⤷
How do you calculate the inductor value for an LED6000 circuit?
- ⤷ What are the advantages of using the LED6000 over a linear regulator?
- ⤷ Can the LED6000 be used in a boost configuration?