LED89
AI

It appears you are referring to the **LED89**, which is a specific designation often used for **IR (Infrared) Emitting Diodes** or specific display modules. Most commonly, this refers to high-intensity infrared LEDs used in remote controls, optical sensors, and smoke detectors.
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics of a standard LED89 infrared component:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Peak Wavelength** | 940 | nm (Nanometers) |
| **Forward Current ($I_F$)** | 50 - 100 | mA |
| **Forward Voltage ($V_F$)** | 1.2 - 1.5 | Volts |
| **Radiant Intensity** | 20 - 50 | mW/sr |
| **Viewing Angle** | 20 - 40 | Degrees |
---
### 2. Internal Electronic Structure
The LED89 is a semiconductor p-n junction diode. Its operation is defined by several core parts:
* **Die (Chip):** Usually made of **Gallium Arsenide (GaAs)** or Aluminum Gallium Arsenide (AlGaAs). This material determines the 940nm infrared light frequency.
* **Anode (+):** The longer lead or the internal part connected to the smaller electrode.
* **Cathode (-):** The shorter lead, usually identified by a flat edge on the plastic encapsulation.
* **Epoxy Lens:** A clear or blue-tinted plastic housing that focuses the infrared beam.
---
### 3. Basic Circuit Diagram
To use an LED89, you must use a current-limiting resistor to prevent the component from burning out.
```text
VCC (5V) ---- [ Resistor ] ---- (Anode) LED89 (Cathode) ---- GND
```
**Calculating the Resistor ($R$):**
Using Ohm's Law: $R = (V_{source} - V_F) / I_F$
* *Example:* For a 5V supply, 1.3V drop, and 20mA current:
* $R = (5 - 1.3) / 0.020 = 185 \Omega$ (Use a standard $220 \Omega$ resistor).
---
### 4. Common Applications
The LED89 series is widely utilized in the following electronic systems:
1. **Remote Controls:** Sending modulated signals to TVs and Air Conditioners.
2. **Optical Switches:** Used in "break-beam" sensors to detect objects passing between an IR LED and a phototransistor.
3. **Encoders:** Used in computer mice or industrial motors to count rotations.
4. **Security Systems:** Light source for night-vision cameras (active IR illumination).
- ⤷What is the difference between 850nm and 940nm IR LEDs?
- ⤷ How do I test if an LED89 is working using a smartphone camera?
- ⤷ What transistor is best for driving an LED89 with an Arduino?