LEDA70SWD
AI

The **LEDA70SWD** is a high-performance industrial LED bar light typically used in machine vision applications. It is designed to provide intense, uniform linear illumination for inspection tasks.
---
### 1. Key Technical Specifications
The electronics of the LEDA70SWD are engineered for durability and precise control.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 24V DC |
| **Current Consumption** | ~500mA to 700mA (model dependent) |
| **Light Color** | White (W) |
| **Illumination Length** | 70mm |
| **Connector Type** | M12 4-pin or 5-pin male (standard industrial) |
| **IP Rating** | IP50 (standard) / IP67 (optional water-resistant) |
---
### 2. Electronic Components & Functionality
#### A. The LED Array
The "70" in the model name refers to the 70mm active area. This contains a high-density row of Surface Mount Device (SMD) LEDs.
* **Phosphor Coating:** Since it is a "White" LED, it uses Blue LED dies coated with yellow phosphor.
* **Circuit Topology:** LEDs are usually arranged in series-parallel strings to balance current draw and ensure that a single LED failure doesn't kill the entire bar.
#### B. Built-in Driver (Constant Current)
Unlike consumer LED strips, the LEDA70SWD includes an internal **Constant Current Driver**.
* **Regulation:** It stabilizes the current despite fluctuations in the 24V DC input.
* **Thermal Protection:** Includes circuitry to throttle power if the internal temperature exceeds safe limits, preventing premature LED degradation.
#### C. Control & Dimming (The "D" Suffix)
The "D" in the model often signifies **Dimming** or **Digital control** capabilities.
* **Strobe Support:** The electronics are designed to handle high-speed switching.
* **Analog/PWM Control:** It can typically be dimmed via a 0-10V analog signal or a Pulse Width Modulation (PWM) signal through the control pin.
---
### 3. Pinout Configuration (M12 Connector)
Typical wiring for industrial vision lights like the LEDA70 series:
| Pin Number | Color | Function |
| :--- | :--- | :--- |
| **1** | Brown | +24V DC |
| **2** | White | Control/Dimming (0-10V or PWM) |
| **3** | Blue | DC Common (GND) |
| **4** | Black | Strobe/Trigger (Active High/Low) |
---
### 4. Integration Example
To control this part using a PLC or Vision Controller, you would typically use a simple output circuit:
```python
# Conceptual logic for strobing the LEDA70SWD
if camera_trigger == TRUE:
set_pin_4(HIGH) # Turn on Light
wait(exposure_time)
set_pin_4(LOW) # Turn off Light
```
- ⤷
What is the maximum pulse frequency supported for strobing this LED?
- ⤷ Does this model require an external current controller or is it plug-and-play with 24V?
- ⤷ Are there infrared or ultraviolet versions of the LEDA70 series?