Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LEDE

  • AI
    Light Emitting Diodes (LEDs) are semiconductor light sources that emit light when current flows through them. Understanding the electronic components and physics behind an LED is essential for proper circuit design. --- ### 1. Internal Structure and Anatomy An LED is not just a bulb; it is a complex semiconductor assembly. | Component | Function | | :--- | :--- | | **Anode (+)** | The positive terminal (usually the longer lead). | | **Cathode (-)** | The negative terminal (usually the shorter lead or next to a flat edge). | | **Semiconductor Die** | The "heart" of the LED where electron-hole recombination occurs. | | **Reflective Cup** | Directs the light emitted from the die outward. | | **Epoxy Lens** | Protects the internals and focuses the light beam. | --- ### 2. Physical Working Principle The operation of an LED is based on **Electroluminescence**. 1. **P-N Junction:** LEDs consist of a P-type semiconductor (positive holes) and an N-type semiconductor (negative electrons). 2. **Forward Bias:** When voltage is applied, electrons move from the N-side to the P-side. 3. **Photon Emission:** When an electron falls into a "hole," it drops to a lower energy state and releases energy in the form of a **photon** (light). 4. **Color Determination:** The energy gap (bandgap) of the semiconductor material determines the wavelength (color) of the light. --- ### 3. Key Electrical Characteristics When integrating LEDs into a circuit, you must consider these specifications: #### A. Forward Voltage ($V_f$) The minimum voltage required to turn the LED on. This varies by color: * **Red/Orange:** 1.8V – 2.2V * **Yellow:** 2.1V – 2.4V * **Green/Blue/White:** 3.0V – 3.6V #### B. Forward Current ($I_f$) The amount of current an LED can safely handle. * Standard 5mm LEDs typically require **20mA (0.02A)**. * Exceeding this current will burn out the LED. --- ### 4. Essential Supporting Component: The Resistor Because LEDs have very low internal resistance once they "turn on," they will draw excessive current and destroy themselves if connected directly to a power source. A **Current Limiting Resistor** is mandatory. **The Formula (Ohm's Law):** ```text R = (V_source - V_forward) / I_forward ``` **Example Calculation:** To run a Red LED ($V_f = 2V$, $I_f = 20mA$) on a 9V battery: `R = (9V - 2V) / 0.02A = 350 Ohms` --- ### 5. Types of LEDs in Electronics * **Through-Hole:** Standard LEDs with long legs for breadboards. * **SMD (Surface Mount Device):** Tiny LEDs soldered directly onto PCB surfaces (e.g., 0805 or 5050 packages). * **RGB LEDs:** Contains Red, Green, and Blue dies in one package to create any color via PWM (Pulse Width Modulation). * **COB (Chip on Board):** Multiple LED dies packed together for high-intensity lighting.
    ✨ Follow-up Questions
    • ⤷How do I calculate the resistor value for multiple LEDs in series?
    • ⤷ What is Pulse Width Modulation (PWM) and how is it used to dim LEDs?
    • ⤷ What are the advantages of SMD LEDs over through-hole LEDs?