Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LEDGLB14

  • AI
    The **LEDGLB14** typically refers to a standard LED bulb with a **G14** (or G45) shape factor and an **E14** (small Edison screw) base. These bulbs are widely used in chandeliers, bedside lamps, and decorative fixtures. To understand the electronic components of an LEDGLB14, we must look at the internal assembly, which bridges the gap between high-voltage AC power and low-voltage DC light emission. --- ### 1. Internal Electronic Components The bulb consists of four primary sections that work together to produce light: | Component | Function | Material/Details | | :--- | :--- | :--- | | **LED Chips (SMD)** | The light source. Usually Surface Mount Device (SMD) chips. | Gallium Nitride (GaN) with Phosphor coating. | | **LED Driver (PCB)** | Converts AC 110V/220V to constant DC current. | Includes capacitors, resistors, and ICs. | | **Heat Sink** | Dissipates heat generated by the LED chips. | Aluminum or thermally conductive plastic. | | **E14 Base** | The electrical interface with the socket. | Nickel-plated brass or aluminum. | --- ### 2. The LED Driver Circuitry The driver is the "brain" of the bulb. Because LEDs are sensitive to voltage fluctuations, the driver must regulate the power precisely. Common internal parts include: * **Bridge Rectifier:** Converts AC (Alternating Current) from your home outlet into DC (Direct Current). * **Filter Capacitor:** Smooths out the voltage ripples to prevent the "flicker" effect. * **Transformer/Inductor:** Steps down the high voltage to a safe level (typically 3V to 12V depending on the LED configuration). * **Control IC:** A small integrated circuit that monitors current and ensures the LEDs don't overheat or burn out. --- ### 3. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Base Type** | E14 (14mm diameter screw) | | **Shape** | G14 / G45 (Golf ball shape) | | **Input Voltage** | 220V-240V or 110V-120V AC | | **Power Consumption** | 3W to 7W | | **Luminous Efficacy** | ~80-100 Lumens per Watt | --- ### 4. Why the Electronic Design Matters 1. **Thermal Management:** Because the G14 shape is small, the electronics are packed tightly. High-quality bulbs use a ceramic or aluminum core to prevent the driver from failing due to heat. 2. **Flicker-Free Technology:** Better electronic drivers use high-quality capacitors to ensure a steady light output, which reduces eye strain. 3. **Dimmability:** If the bulb is "Dimmable," the driver circuit includes extra components (Triac-compatible) that can interpret the chopped sine wave from a dimmer switch.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an E14 and an E27 base for these bulbs?
    • ⤷ How do I know if the internal driver is compatible with a dimmer switch?
    • ⤷ Why do some LEDGLB14 bulbs flicker after a few months of use?