LEDRO25N
AI

Based on the product code **LEDRO25N**, this typically refers to a **25mm Round LED Indicator** or a specific series of industrial pilot lights (often associated with brands like *Schneider Electric* or *Moujen*).
These components are designed for industrial control panels to signify the status of a machine or circuit.
---
### 1. Key Technical Specifications
The "LEDRO25N" generally follows these electronic and physical standards:
| Feature | Specification |
| :--- | :--- |
| **Mounting Diameter** | 25mm (Standard Industrial size) |
| **Light Source** | High-intensity LED |
| **Input Voltage** | Typically 24V AC/DC (though variants exist for 110V/220V) |
| **Current Consumption** | $\leq$ 20mA |
| **Protection Rating** | IP65 or IP67 (Dust and Water resistant) |
| **Operating Life** | > 50,000 hours |
---
### 2. Internal Electronic Components
Inside the housing of an LEDRO25N, you will find several critical electronic parts that ensure its functionality:
* **LED Chip:** The core semiconductor that emits light. Modern versions use SMD (Surface Mount Device) LEDs for better heat dissipation and brightness.
* **Current Limiting Resistor:** Protects the LED chip from burning out by restricting the amount of current flowing through the circuit.
* **Rectifier Bridge (AC/DC models):** Allows the indicator to function regardless of polarity or on alternating current.
* **Voltage Regulator/Dropper:** Ensures the LED receives a consistent voltage even if the input supply fluctuates slightly.
* **Terminal Blocks:** Usually screw terminals or spade connectors for secure wiring in high-vibration industrial environments.
---
### 3. Connection and Wiring
The wiring is straightforward, typically involving two terminals:
```mermaid
graph LR
A[Power Supply +] --> B[Terminal X1]
C[Power Supply -] --> D[Terminal X2]
subgraph LEDRO25N
B --> E[Internal Circuitry]
D --> E
E --> F[LED Light]
end
```
---
### 4. Application Areas
* **Control Panels:** To show "Power On" or "Fault" status.
* **PLC Outputs:** To provide a visual confirmation of a digital output signal.
* **Operator Stations:** Used alongside pushbuttons to indicate when a process is running.
---
- ⤷What are the different color options available for the LEDRO25N series?
- ⤷ Is there a dual-voltage version of this LED indicator?
- ⤷ What is the maximum operating temperature for these components?