LEDT3
AI

The term **LED T3** usually refers to a specific bulb form factor (T3) based on the "Tubular" shape, often utilized in automotive lighting (dashboard/cluster) or small landscape fixtures.
---
### 1. Key Electronic Components
An LED T3 "bulb" is not just a light-emitting diode; it is a miniature circuit designed to convert standard voltage into a usable current for the semiconductor.
| Component | Function |
| :--- | :--- |
| **LED Chip (SMD)** | The semiconductor (often 3528 or 5050 SMD) that converts electrical energy into light. |
| **Current Limiting Resistor** | Regulates the flow of electricity to prevent the LED from burning out. |
| **PCB (Printed Circuit Board)** | The structural base that connects the electrical traces between the base and the chip. |
| **Contact Pins/Wedges** | The physical interface (like a G4 bi-pin or a twist-lock wedge) that draws power from the socket. |
| **Rectifier Diode** | (Optional) Ensures the bulb works regardless of polarity (common in AC landscape T3s). |
---
### 2. Technical Specifications
Most T3 LEDs operate on low voltage. Below are the typical electronic parameters found in these parts:
* **Operating Voltage:** Typically **12V DC** (Automotive) or **12V AC/DC** (Landscape).
* **Power Consumption:** Usually between **0.5W and 2W**, significantly lower than halogen equivalents.
* **Polarity Sensitivity:** Standard DC T3 LEDs are polar (they only work one way), whereas "Canbus-ready" or AC versions are non-polar.
* **Base Types:**
* **G4:** Two straight pins.
* **Neo Wedge:** Plastic twist-lock base (T3, T4.2, T4.7).
---
### 3. Comparison: LED vs. Halogen T3
Electronic efficiency is the primary reason for switching to LED T3 parts.
| Feature | Halogen T3 | LED T3 |
| :--- | :--- | :--- |
| **Heat Generation** | High (Filament based) | Low (Solid state) |
| **Lifespan** | ~2,000 hours | ~30,000+ hours |
| **Current Draw** | ~0.8 Amps | ~0.05 Amps |
| **Vibration Resistance** | Fragile filament | Highly durable |
---
### 4. Simple Circuit Schematic
In its simplest form, a 12V DC T3 LED follows this electronic logic:
```text
[Positive Terminal] ----> [Resistor] ----> [LED Anode (+) / LED Cathode (-)] ----> [Negative Terminal]
```
- ⤷
What is the difference between T3
- ⤷ T4.2
- ⤷ and T4.7 Neo Wedge LEDs?
- ⤷ How do I calculate the resistor value needed for a DIY T3 LED circuit?
- ⤷ Why do some LED T3 bulbs flicker when used in a car dashboard?