LEDV3
AI

The term **LEDV3** generally refers to a specific hardware revision (Version 3) of a Light Emitting Diode driver module or a specific PCB assembly used in consumer electronics, automotive lighting, or DIY microcontroller kits.
Below is a breakdown of the electronic components and architecture typically found in a **LEDV3** specification.
---
### 1. Core Electronic Components
A V3 (Version 3) board usually features surface-mount technology (SMT) for efficiency and heat management.
| Component | Function | Common Specification |
| :--- | :--- | :--- |
| **LED Chips** | The light source. | Often SMD 2835 or 5050 LEDs. |
| **Driver IC** | Regulates current to prevent burnout. | Constant Current (CC) Buck/Boost converter. |
| **Resistors** | Limits current for passive protection. | 1206 or 0805 SMD resistors. |
| **Capacitors** | Smooths power fluctuations (decoupling). | Ceramic (MLCC) or Electrolytic. |
| **Diode** | Protects against reverse polarity. | Schottky Diode (low voltage drop). |
| **MOSFET** | Used for PWM (Pulse Width Modulation) dimming. | N-Channel Logic Level MOSFET. |
---
### 2. Technical Features of the V3 Design
The "V3" iteration usually implies improvements over V1 and V2 in the following areas:
#### A. Thermal Management
* **Aluminum Substrate PCB:** V3 boards often use a Metal Core PCB (MCPCB) to dissipate heat away from the LED chips faster than standard FR4 (fiberglass).
* **Thermal Pads:** Larger copper pours under high-heat components.
#### B. Control and Connectivity
* **PWM Support:** Input pins designed to handle high-frequency switching for flicker-free dimming.
* **Voltage Regulation:** Wide input range (e.g., 5V–24V DC) with a stable internal 3.3V or 5V rail for logic.
#### C. Protection Circuits
* **Over-Temperature Shutdown:** The Driver IC reduces current if the board exceeds a specific temperature (usually >120°C).
* **Short-Circuit Protection:** Prevents the power supply from failing if an LED fails short.
---
### 3. Schematic Logic
The flow of electricity in a typical LEDV3 module follows this path:
```text
[Power Input] -> [Reverse Polarity Diode] -> [Filter Capacitor]
|
V
[Driver IC / Buck Converter] <--- [PWM Signal Input]
|
V
[LED Array (Series/Parallel)] -> [Ground]
```
---
### 4. Comparison of Revisions
| Feature | V1 / V2 (Legacy) | V3 (Current) |
| :--- | :--- | :--- |
| **Efficiency** | 70-80% | 85-95% |
| **Dimming** | Analog (Voltage drop) | Digital (PWM / I2C) |
| **Size** | Through-hole (Bulky) | SMD (Compact/Slim) |
| **Heat** | High (Passive cooling only) | Active Thermal Throttling |
- ⤷
What is the maximum voltage input supported by the LEDV3 driver?
- ⤷ How does the PWM signal interface with the MOSFET in this specific version?
- ⤷ Are there specific SMD codes for the LED chips used in LEDV3?