Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LEDX

  • AI
    To understand the electronic components of an **LED** (Light Emitting Diode), it is essential to look at it as a semiconductor device that converts electrical energy directly into light through a process called **electroluminescence**. --- ### 1. Anatomy of an LED Component An LED is more than just a bulb; it is a polarized semiconductor assembly. | Component | Function | | :--- | :--- | | **Anode (+)** | The longer lead; the positive terminal where current enters. | | **Cathode (-)** | The shorter lead (often marked by a flat spot on the casing); the negative terminal. | | **Semiconductor Die** | The "heart" of the LED where light is actually generated. | | **Reflective Cavity** | A frame that reflects light upward to increase brightness. | | **Epoxy Lens** | Protects the internals and focuses the light beam. | | **Bond Wire** | A tiny gold wire connecting the anode to the semiconductor chip. | --- ### 2. The Physics of the Semiconductor The most critical "part" is the **P-N Junction** located inside the die. 1. **P-type Layer:** Contains an abundance of "holes" (positive charge carriers). 2. **N-type Layer:** Contains an abundance of electrons (negative charge carriers). 3. **Depletion Region:** When a forward voltage is applied, electrons move from the N-side to the P-side. When they fall into a "hole," they release energy in the form of a **photon** (light). --- ### 3. Essential Peripheral Circuitry LEDs cannot usually be connected directly to a power source like a battery without additional components: #### A. Current Limiting Resistor LEDs are "current-hungry." Without a resistor, they will draw too much current and burn out. * **Formula:** $R = (V_{source} - V_{forward}) / I_{led}$ #### B. LED Drivers (For High Power) For LED strips or high-power LEDs, a simple resistor is inefficient. **LED Drivers** are used to provide a constant current, protecting the LED from voltage fluctuations. --- ### 4. Comparison of LED Types | Type | Description | Common Use | | :--- | :--- | :--- | | **Through-Hole** | Traditional LEDs with two wire leads. | Indicators, Breadboards. | | **SMD (Surface Mount)** | Tiny chips soldered directly to PCBs. | Smartphones, LED Strips. | | **COB (Chip on Board)** | Multiple dies mounted together as one module. | High-intensity floodlights. | | **RGB LED** | Contains Red, Green, and Blue dies in one package. | Decorative lighting, Screens. | ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the exact resistor value needed for a 5V circuit?
    • ⤷ What is the difference between constant current and constant voltage drivers?
    • ⤷ Why do different colored LEDs require different forward voltages?