LF24-ECON-R03US
AI

The **LF24-ECON-R03US** is a specialized electronic actuator and economizer control module manufactured by Belimo. It is primarily designed for HVAC systems to control outdoor air dampers based on electronic signals to maximize energy efficiency.
---
### 1. Key Technical Specifications
The electronics of this unit are designed for low-voltage operation and precise torque output.
| Feature | Specification |
| :--- | :--- |
| **Power Supply** | 24 VAC ± 20%, 50/60 Hz / 24 VDC ± 10% |
| **Power Consumption** | 5 W (Running), 2.5 W (Holding) |
| **Transformer Sizing** | 7 VA (Class 2 power supply) |
| **Torque** | 35 in-lb [4 Nm] |
| **Control Signal** | 2 to 10 VDC (Standard) |
| **Feedback Output** | 2 to 10 VDC (Position feedback) |
| **Fail-Safe Mode** | Spring Return (Mechanical) |
---
### 2. Core Electronic Components
The device integrates several critical electronic sub-systems to manage damper positioning:
#### A. Brushless DC Motor
Unlike older brushed motors, the LF series uses a **brushless DC (BLDC) motor**.
* **Microprocessor Control:** A built-in microprocessor manages the motor's speed and position.
* **Overload Protection:** The electronics detect when the damper has reached its physical limit or if there is an obstruction, cutting power to prevent motor burnout without requiring mechanical limit switches.
#### B. Economizer Logic Module
The "ECON" designation indicates specialized circuitry for air-side economizing:
* **Mixed Air Sensor Input:** It processes signals from temperature sensors to determine if outdoor air is cool/dry enough to provide "free cooling."
* **Minimum Position Potentiometer:** Usually features an onboard adjustment to set the minimum ventilation requirement for indoor air quality.
#### C. Spring Return Mechanism (Fail-Safe)
While the movement is electronic, the fail-safe is a mechanical spring. However, the electronics manage the **clutch/brake system** that holds the spring in tension during normal operation using minimal power (2.5 W).
---
### 3. Wiring and Connectivity
The unit typically uses a standard color-coded cable for electronic interfacing:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Black** | Common | Ground/Neutral |
| **Red** | + Hot | 24V Power Supply |
| **White** | Input Signal | 2-10V Control signal from Thermostat/BAS |
| **Orange** | Feedback | 2-10V Position signal back to Controller |
---
### 4. Electronic Protection Features
* **Enclosure Rating:** NEMA 2 / IP54 (protected against dust and water spray).
* **Digital Accuracy:** The microprocessor ensures a consistent 95-second motor run time, regardless of load, providing predictable system response.
* **Automatic Calibration:** The electronics can perform an "Adaption" stroke to map the 2-10V signal across the actual physical rotation of the damper.
- ⤷
How do I calibrate the 2-10V signal for a specific damper rotation range?
- ⤷ What are the common causes for the 'holding' power consumption to exceed 2.5W?
- ⤷ Can this actuator be wired in parallel with other Belimo units?