LF2628NP-R513
AI

The **LF2628NP-R513** is a high-performance common mode choke (inductor) designed primarily for noise suppression in power supply lines. It belongs to the LF series, typically manufactured by companies like Sumida.
---
### 1. Key Technical Specifications
The part number "R513" specifically defines the inductance value and technical parameters:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance (Min)** | 5.1 mH (at 10 kHz) |
| **Rated Current** | ~3.0 A (rms) |
| **DC Resistance (Max)** | ~0.10 Ω |
| **Voltage Rating** | 250 VAC |
| **Configuration** | Dual Winding (Common Mode) |
| **Mounting Type** | Through-Hole (Vertical/Horizontal) |
---
### 2. Core Features
* **High Impedance:** Excellent for filtering out high-frequency electromagnetic interference (EMI).
* **Low Profile:** The "2628" designation refers to the physical dimensions of the core/base, optimized for space-constrained power boards.
* **Safety Standards:** Built to meet major global safety requirements for power supplies (UL, CSA, IEC).
* **Thermal Stability:** Designed to operate efficiently without significant inductance drop at higher temperatures.
---
### 3. Functional Application
Common mode chokes like the LF2628NP-R513 are critical components in the **EMI Filter stage** of an electronic device.
* **Noise Cancellation:** It allows differential signals (the power you want) to pass while creating high impedance for common-mode noise (unwanted interference affecting both lines).
* **Primary Uses:**
1. Switch Mode Power Supplies (SMPS).
2. LED Drivers.
3. AC/DC Adapters.
4. Industrial electronic ballasts.
---
### 4. Dimensions and Pinout
The "NP" indicates a standard non-potted or standard assembly style.
```text
Pin Configuration (Simplified):
Line In (1) ●───────┐ ┌───────● Line Out (4)
) (
) ( <-- Magnetic Core
) (
Neutral In (2) ●────┘ └───────● Neutral Out (3)
```
- ⤷
What is the physical footprint size for the LF2628 series?
- ⤷ How does the R513 inductance value compare to other variants in the LF series?
- ⤷ What are the storage temperature limits for this specific inductor?