LF2628NP-R753
AI

## Technical Overview of LF2628NP-R753
The **LF2628NP-R753** is a high-performance **Common Mode Choke** (inductor) primarily used for EMI (Electromagnetic Interference) suppression in AC power lines. It is part of the LF series manufactured by companies like **Sumida**.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Common Mode Choke / Filter |
| **Inductance (Min)** | 75 mH (Millihenries) |
| **Rated Current** | Approximately 0.3A - 0.5A (Typical for this series) |
| **Inductance Tolerance** | Typically +50% / -30% |
| **Mounting Type** | Through-Hole (THT) |
| **Case Style** | Vertical / NP (Non-Polarized) |
---
### 2. Core Functionality
The LF2628NP-R753 acts as a low-pass filter. Its internal construction consists of two coils wound on a single ferrite core.
* **Common Mode Rejection:** It allows "Differential Mode" signals (the power you want) to pass while providing high impedance to "Common Mode" noise (unwanted interference).
* **EMI Suppression:** It prevents noise generated by a switching power supply from leaking back into the main AC grid and protects the device from external line noise.
---
### 3. Structural Design
The "2628" designation usually refers to the physical dimensions of the core or the footprint.
* **Core Material:** High-permeability Ferrite.
* **Configuration:** 4-pin layout (2 inputs, 2 outputs).
* **Vertical Orientation:** Saves PCB real estate (footprint) by utilizing vertical height.
---
### 4. Applications
This specific part is commonly found in low-power consumer electronics and industrial power systems, including:
1. **Switch Mode Power Supplies (SMPS):** The primary use case.
2. **LED Drivers:** Reducing flicker and noise.
3. **AC Adapters:** For laptops and small appliances.
4. **Audio Equipment:** Eliminating "hum" from power lines.
---
### 5. Identification (Part Number Breakdown)
* **LF:** Line Filter series.
* **2628:** Size/Series code (approx. 26mm x 28mm dimension footprint).
* **NP:** Package type (often refers to a specific lead-free or vertical mounting style).
* **R753:** Inductance value. The "753" translates to $75 \times 10^3$ $\mu H$, which equals **75 mH**.
- ⤷
What are the equivalent alternatives to the LF2628NP series?
- ⤷ How do I calculate the cutoff frequency for this choke in a circuit?
- ⤷ What is the maximum operating temperature for the LF2628NP-R753?