LHK376-R
AI

The **LHK376-R** is an electronic component primarily identified as a **T1 (3mm) Radial Leaded LED**, specifically a "Super-Red" Hyper-Bright LED produced by manufacturers like OSRAM Opto Semiconductors.
---
### 1. Key Technical Specifications
The following table highlights the typical electrical and optical characteristics of the LHK376-R:
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Color** | Super-Red (633 nm) | - |
| **Package Type** | T1 (3mm) Standard | - |
| **Forward Current ($I_F$)** | 30 (max) | mA |
| **Forward Voltage ($V_F$)** | 1.8 - 2.4 (typical) | V |
| **Luminous Intensity ($I_V$)** | 11.2 - 28.0 | mcd |
| **Viewing Angle** | 40 (typical) | degrees |
| **Lens Type** | Diffused / Red | - |
---
### 2. Physical and Structural Parts
The LHK376-R consists of several internal and external parts essential for its operation:
* **LED Chip (Die):** The semiconductor material (typically AlGaInP) that converts electrical energy into red light.
* **Epoxy Resin Body:** A 3mm diameter housing that protects the chip and acts as a diffuser to spread the light evenly.
* **Anode (+):** The longer lead, which connects to the positive side of the power source.
* **Cathode (-):** The shorter lead, usually identified by a flat edge on the base of the epoxy lens.
* **Bond Wire:** A microscopic gold wire connecting the semiconductor chip to the lead frame.
---
### 3. Usage and Circuit Application
To use the LHK376-R safely in an electronic circuit, a **current-limiting resistor** is required to prevent the LED from burning out.
**Calculation Example:**
If using a 5V power supply:
1. **Formula:** $R = (V_{supply} - V_{forward}) / I_{target}$
2. **Values:** $(5V - 2V) / 0.02A = 150 \Omega$
```cpp
// Example: Driving an LHK376-R with an Arduino
void setup() {
pinMode(13, OUTPUT); // Connect LED to Pin 13 (via 220 ohm resistor)
}
void loop() {
digitalWrite(13, HIGH); // LED ON
delay(1000);
digitalWrite(13, LOW); // LED OFF
delay(1000);
}
```
---
### 4. Common Applications
* **Status Indicators:** Power lights on consumer electronics.
* **Backlighting:** Illuminating small buttons or LCD panels.
* **Optical Signaling:** Used in arrays for simple displays or decorative lighting.
- ⤷What is the maximum reverse voltage for the LHK376-R?
- ⤷ Can this LED be used with a 12V power source?
- ⤷ What is the difference between the LHK376 and the LHK376-R variant?