LHRDBK3392-R6
AI

The **LHRDBK3392-R6** is a high-power, industrial-grade motor driver evaluation board or module designed specifically to showcase and utilize the **NXP MC33922** (and similar 3392x series) H-Bridge integrated circuit.
These boards are typically used in automotive and industrial robotics applications for controlling brushed DC motors.
---
### 1. Key Electronic Components & Features
| Feature | Specification / Component | Description |
| :--- | :--- | :--- |
| **Main Controller IC** | NXP MC33922 | A monolithic H-Bridge designed for load currents up to 5.0A. |
| **Voltage Range** | 5.0V to 28V | Operates within standard automotive and industrial 12V/24V rails. |
| **Current Capability** | 5.0A Peak | Capable of driving high-torque DC motors. |
| **Interface** | SPI (Serial Peripheral Interface) | Used for configuration, diagnostics, and control. |
| **PWM Frequency** | Up to 20 kHz | Allows for silent motor operation (above human hearing). |
---
### 2. Functional Architecture
The board is structured into three primary electronic sections:
#### A. Power Stage (H-Bridge)
The core of the board is the **H-Bridge circuit**, which consists of four MOSFETs. This allows the motor to:
* Rotate Forward.
* Rotate Backward.
* Brake (Shorting the motor leads).
* Coast (High impedance).
#### B. Protection Circuitry
The "R6" revision usually includes robust protection features to prevent hardware failure:
* **Over-temperature:** Thermal shutdown if the chip gets too hot.
* **Over-current:** Automatic limiting to prevent burning out the motor or the IC.
* **Under-voltage:** Prevents operation if the battery level drops too low.
#### C. Signal Conditioning
The board includes pull-up/pull-down resistors and decoupling capacitors to ensure that the logic signals from an external microcontroller (like an Arduino or STM32) are clean and free of EMI (Electromagnetic Interference).
---
### 3. Pinout and Connectivity Example
When integrating this part, you will typically interact with the following headers:
```cpp
// Example: Pseudo-code for controlling the 33922 via SPI
void setup() {
SPI.begin();
pinMode(CS_PIN, OUTPUT);
// Initialize the MC33922 with specific current limits
transferSPI(0x01, CONFIG_DATA);
}
void loop() {
// Set motor speed and direction
digitalWrite(PWM_PIN, 128); // 50% Duty Cycle
}
```
---
### 4. Typical Applications
* **Automotive:** Electronic throttle control, power locks, and window lifts.
* **Robotics:** High-torque actuators and drive wheels.
* **Industrial:** Valve control and small conveyor systems.
- ⤷
What are the specific differences between the R6 revision and previous versions?
- ⤷ How do I calculate the heat dissipation requirements for this board at 5A?
- ⤷ Can this board be used to drive a bipolar stepper motor instead of a DC motor?