LHT2W331MELB45
AI

The part number **LHT2W331MELB45** refers to a high-voltage, snap-in aluminum electrolytic capacitor manufactured by **Nichicon**. This specific component belongs to the **LHT series**, which is designed for high reliability and long life under high-temperature conditions.
---
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | LHT | High temperature, long life (snap-in type) |
| **Voltage (Rated)** | 2W (450V DC) | Maximum operating voltage |
| **Capacitance** | 331 (330µF) | Nominal capacitance (33 x 10^1) |
| **Capacitance Tolerance** | M (±20%) | Standard industry tolerance |
| **Case Code** | EL | Standard snap-in terminal style |
| **Dimensions (D x L)** | B45 (30mm x 45mm) | B = 30mm diameter; 45 = 45mm length |
---
### 2. Key Features
* **Temperature Range:** Rated for operation up to **105°C**.
* **Endurance:** Designed for a long life of approximately **5,000 hours** at its maximum rated temperature.
* **Snap-in Terminals:** Features PC board self-standing terminals for easy mounting and stability during soldering.
* **High Ripple Current:** Optimized to handle significant ripple currents typical in power conversion.
---
### 3. Applications
This capacitor is primarily used in industrial and consumer electronics power stages where high voltage and heat resistance are required:
1. **Switching Power Supplies (SMPS):** Used for input filtering and DC-link smoothing.
2. **Uninterruptible Power Supplies (UPS):** Energy storage and voltage stabilization.
3. **Inverters/Motor Drives:** Handling DC bus voltage in frequency converters.
4. **LED Lighting Drivers:** Industrial-grade power conversion.
---
### 4. Safety and Handling
```markdown
### Precautions:
- **Polarity:** This is a polarized component. Reverse voltage will cause failure or explosion.
- **Discharge:** Always discharge high-voltage capacitors (450V) before handling to avoid electric shock.
- **Venting:** Ensure the safety vent on the top of the canister is not obstructed.
```
- ⤷What is the ripple current rating for the LHT2W331MELB45?
- ⤷ How does the LHT series compare to the LGN or LGU series by Nichicon?
- ⤷ Are there equivalent replacements from other manufacturers like Nippon Chemi-Con?