AI

The **LHZ-211-R** is a specific electronic component, typically categorized as an **Electromagnetic Buzzer** or a **Magnetic Transducer**. These components are widely used in consumer electronics, automotive alerts, and industrial equipment to provide audible feedback.
---
### 1. Key Technical Specifications
The following table outlines the general technical characteristics typical for this series of magnetic buzzers:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Magnetic / Electromagnetic |
| **Rated Voltage** | 1.5V - 12V DC (Model dependent) |
| **Operating Voltage** | 1.0V ~ 15.0V DC |
| **Rated Current** | Max 30mA - 80mA |
| **Sound Pressure Level (SPL)** | Min 85dB at 10cm |
| **Resonant Frequency** | 2,000Hz - 2,700Hz |
| **Operating Temperature** | -20°C to +70°C |
| **Mounting Type** | Through-hole (DIP/Pin type) |
---
### 2. Internal Electronic Structure
The LHZ-211-R operates on the principle of electromagnetism. Internally, it consists of several critical parts:
* **The Coil:** A winding of fine copper wire that generates a magnetic field when current flows through it.
* **The Magnet:** A permanent magnet that provides a stationary magnetic field.
* **The Diaphragm (Vibrating Disk):** A thin metal plate (usually iron or steel) that is attracted and released by the fluctuating magnetic field of the coil, creating sound waves.
* **The Housing:** Typically made of PBT (Polybutylene Terephthalate) or Noryl plastic to protect the internal components and provide acoustic resonance.
---
### 3. Circuit Integration
Since the LHZ-211-R is a **transducer**, it generally requires an external drive circuit (like an oscillator) to function, unless it is the "indicator" version which has internal circuitry.
#### Simple Transistor Drive Example:
```cpp
// Logic for driving a buzzer via a microcontroller (e.g., Arduino)
void setup() {
pinMode(9, OUTPUT); // Connect to base of NPN transistor
}
void loop() {
tone(9, 2300); // Send 2.3kHz square wave
delay(500);
noTone(9);
delay(500);
}
```
---
### 4. Common Applications
* **Home Appliances:** Microwave ovens, washing machines, and air conditioners for "end of cycle" alerts.
* **Security Systems:** Feedback for keypad presses or alarm triggers.
* **Medical Devices:** Low-battery or error notifications.
* **Automotive:** Dashboard indicators and turn signal feedback.
- ⤷
What is the difference between the LHZ-211-R and a piezo buzzer?
- ⤷ Does the LHZ-211-R require an external oscillator to produce sound?
- ⤷ What are the soldering requirements for this specific through-hole component?