LINEARCOLORMIX-OS-LM01M-R
AI

The **LINEARCOLORMIX-OS-LM01M-R** is a high-performance linear LED module developed by OSRAM (now part of ams OSRAM). It is specifically designed for architectural lighting, signage, and decorative applications requiring dynamic color mixing.
---
## 1. Core Technical Specifications
The module is built on a flexible PCB (Printed Circuit Board) and utilizes multi-chip LED technology to achieve uniform color blending.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 24V DC |
| **Color Control** | RGB (Red, Green, Blue) |
| **Power Consumption** | Approx. 14.4W per meter (standard version) |
| **LED Pitch** | 16.7 mm between centers |
| **Beam Angle** | 120° |
| **Mounting** | Self-adhesive 3M tape on the backside |
| **Dimmable** | Yes (via Pulse Width Modulation - PWM) |
---
## 2. Key Electronic Components
### A. High-Performance LEDs
The module uses SMD (Surface Mount Device) LEDs. These are usually 3-in-1 packages where the Red, Green, and Blue diodes are placed under a single lens. This ensures:
* **Near-field color mixing:** Prevents "rainbow shadows."
* **High Luminous Efficacy:** High brightness with low thermal output.
### B. Current Regulation (Resistors)
To ensure the LEDs operate safely at 24V, the module integrates **Surface Mount Resistors**.
* These resistors limit the current flowing through each LED string.
* They are calculated to match the specific forward voltage ($V_f$) of the Red, Green, and Blue chips.
### C. Flexible PCB (FPC)
The "Electronic Spine" of the module is a double-sided flexible copper laminate.
* **Thermal Management:** The copper tracks are designed to act as a heat sink, dissipating heat away from the LED chips to prevent thermal degradation.
* **Circuit Design:** It features a parallel circuit of series clusters. This means if one segment is damaged, the rest of the strip continues to function.
---
## 3. Connection and Control Wiring
The LM01M-R follows a **Common Anode (+)** configuration.
```mermaid
graph LR
V(+) --> LED_R
V(+) --> LED_G
V(+) --> LED_B
LED_R --> R_Channel(-)
LED_G --> G_Channel(-)
LED_B --> B_Channel(-)
```
### Wiring Interface:
1. **Black/White Wire:** +24V (Common Anode)
2. **Red Wire:** Red Channel Ground
3. **Green Wire:** Green Channel Ground
4. **Blue Wire:** Blue Channel Ground
---
## 4. Usage Requirements
To operate this electronic part, the following peripherals are required:
* **Power Supply:** A constant voltage 24V DC driver (SELV rated).
* **Controller:** A 3-channel PWM dimmer or a DMX/DALI to RGB decoder.
* **Heat Dissipation:** While flexible, it is recommended to mount it on an aluminum profile for extended lifespan.
- ⤷
What is the maximum run length for the LM01M-R before voltage drop occurs?
- ⤷ Does this module require a specific type of OSRAM OPTOTRONIC driver?
- ⤷ Can this LED module be cut at specific intervals
- ⤷ and what is the cutting pitch?