Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LL204G-D14-R

  • AI
    The **LL204G-D14-R** is a specific part number typically associated with an integrated circuit, most commonly a **Linear Voltage Regulator** (specifically a Low Dropout or LDO regulator) produced by UTC (Unisonic Technologies Co., Ltd). Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. General Specifications The LL204 series is designed for applications requiring high stability and low noise. | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Output Type** | Fixed Output | | **Output Voltage** | Typically 1.4V (indicated by "14") | | **Max Output Current** | 200mA - 300mA (depending on specific revision) | | **Package Type** | SOP-8 or DIP-8 (indicated by "D14") | | **RoHS Status** | Halogen Free / Lead Free (indicated by "R") | --- ### 2. Part Number Deciphering To understand the electronic role of the part, we can break down the suffix: * **LL204**: The series name (High-speed LDO). * **G**: Denotes Halogen-free material. * **D14**: * **D**: Package code (often refers to a specific Small Outline or DIP variant). * **14**: Represents the regulated voltage output (1.4 Volts). * **R**: Packaging type (usually Tape & Reel). --- ### 3. Key Electronic Characteristics These components are chosen for specific circuit behaviors: 1. **Low Dropout Voltage**: It can maintain a steady 1.4V output even when the input voltage is only slightly higher than 1.4V. 2. **Quiescent Current**: Designed to draw very little power itself, making it suitable for battery-powered devices. 3. **Stability**: It usually requires only a small ceramic capacitor at the output to maintain a stable voltage ripple. 4. **Protection Circuits**: Most variants include thermal shutdown and current limiting to prevent the chip from burning out during a short circuit. --- ### 4. Common Applications * **Mobile Devices**: Providing power to low-voltage sensors or logic gates. * **Reference Voltages**: Used in analog circuits where a precise 1.4V reference is needed. * **Portable Electronics**: Due to its small footprint and efficiency. --- ### 5. Typical Pinout (SOP-8 Example) *Note: Always verify with the manufacturer datasheet before soldering.* | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **V_IN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **EN** | Enable (High = On, Low = Off) | | 4 | **NC/NC** | No Connection | | 5-8 | **V_OUT** | Regulated Output Voltage |
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the LL204 series?
    • ⤷ Can this part be substituted with a 1.5V LDO in most circuits?
    • ⤷ How does the 'Enable' pin affect power consumption in this IC?