LL431NSG-AE3-R
AI

The **LL431NSG-AE3-R** is a precision programmable shunt voltage reference. It is widely used in power supply regulation, acting similarly to a Zener diode but with the advantage of having a programmable output voltage and higher precision.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Reference Voltage ($V_{ref}$)** | 2.495V (Typical) |
| **Output Voltage Range** | $V_{ref}$ to 36V |
| **Voltage Tolerance** | ±0.5% (High Precision Grade) |
| **Cathode Current Range** | 1.0mA to 100mA |
| **Package Type** | SOT-23 |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Description
The device consists of an internal voltage reference, an operational amplifier, and a shunt transistor.
* **Programmability:** By using an external resistor divider connected to the `REF` pin, the output voltage can be set to any value between 2.5V and 36V.
* **Stability:** It maintains a very low temperature coefficient, ensuring the output remains stable despite heat fluctuations.
* **Dynamic Impedance:** It features a low typical output impedance (0.2Ω), providing a sharp turn-on characteristic.
---
### 3. Pin Configuration (SOT-23)
The LL431NSG-AE3-R generally follows the standard 3-pin layout:
1. **Reference (REF):** Input pin to set the output voltage.
2. **Cathode (K):** The positive terminal (similar to the cathode of a Zener).
3. **Anode (A):** The negative terminal (connected to ground).
---
### 4. Typical Application Circuit
To set a specific output voltage, the following formula is used:
$V_{out} = V_{ref} \times (1 + \frac{R1}{R2})$
```python
# Example Calculation for a 5V Output
V_ref = 2.495
R1 = 10000 # 10k Ohms
R2 = 10000 # 10k Ohms
V_out = V_ref * (1 + R1/R2)
# V_out results in ~4.99V
```
---
### 5. Common Use Cases
* **Switch Mode Power Supplies (SMPS):** Used in the feedback loop (often paired with an optocoupler) to regulate the output voltage.
* **Voltage Monitoring:** Acts as a precise threshold detector.
* **Constant Current Sources:** Can be configured to provide a stable current for LEDs or sensors.
* **Zener Diode Replacement:** Used where a standard Zener diode's tolerance is too wide.
- ⤷
How does the LL431 interface with an optocoupler in an SMPS feedback loop?
- ⤷ What is the significance of the 'G' and 'R' suffixes in the part number?
- ⤷ What are the stability considerations when using bypass capacitors with this device?