LL431NSK-AE3-R
AI

The **LL431NSK-AE3-R** is a precision adjustable shunt regulator. It is widely used in power management circuits to provide a stable reference voltage. This specific part number follows the naming convention of manufacturers like **UTC (Unisonic Technologies)**.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Device Type** | Adjustable Precision Shunt Regulator |
| **Package Type** | SOT-23 |
| **Reference Voltage ($V_{ref}$)** | 2.495V (Typical) |
| **Output Voltage Range** | $V_{ref}$ to 36V |
| **Sink Current Capability** | 1.0mA to 100mA |
| **Reference Accuracy** | ±0.5% or ±1% (Grade dependent) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Pin Configuration (SOT-23)
The device typically uses a 3-pin configuration:
1. **Reference (R):** Sets the output voltage via a resistor divider.
2. **Cathode (K):** The output terminal (connected to the load/pull-up).
3. **Anode (A):** The ground terminal.
---
### 3. Key Functional Features
* **Programmable Output:** By using two external resistors, the output voltage can be set to any value between 2.5V and 36V.
* **Low Temperature Coefficient:** Ensures the voltage remains stable even as the device heats up.
* **Fast Turn-on Response:** Makes it ideal for switching power supplies.
* **Low Output Noise:** Provides a clean reference for sensitive analog circuits.
---
### 4. Common Applications
The LL431 series is a "workhorse" in electronics, found in:
* **Switching Mode Power Supplies (SMPS):** Used in the feedback loop (often paired with an optocoupler) to maintain constant output voltage.
* **Voltage Monitoring:** Acting as a comparator for over/under-voltage protection.
* **Constant Current Sources:** Configuring the device to regulate current instead of voltage.
* **Zener Diode Replacement:** Offers much higher precision and sharper "knee" characteristics than standard Zener diodes.
---
### 5. Part Number Breakdown
* **LL431:** Base model (similar to the industry standard TL431).
* **NSK:** Specific internal sub-code (often refers to low cathode current or specific accuracy).
* **AE3:** Denotes the **SOT-23** package type.
* **R:** Indicates **Tape & Reel** packaging for automated assembly.
- ⤷
How do you calculate the resistor values for a specific output voltage?
- ⤷ What is the difference between LL431 and a standard Zener diode?
- ⤷ Can this part be used in a 5V to 3.3V LDO circuit?