LM224-P14-R
AI

## Overview of LM224-P14-R
The **LM224-P14-R** is a specific part number for a widely used electronic component: the **Quadruple Operational Amplifier (Op-Amp)**. It belongs to the LM224 family, known for being cost-effective and versatile in low-power applications.
---
### 1. Part Number Breakdown
Understanding the suffix helps identify the physical and logistical properties of the chip:
| Code Segment | Meaning |
| :--- | :--- |
| **LM224** | The base series (Industrial grade quad op-amp). |
| **P14** | Typically refers to the **TSSOP-14** or **PDIP-14** package (14-pin count). |
| **R** | Stands for **Tape & Reel** (packaging format for automated assembly). |
---
### 2. Core Technical Specifications
The LM224 is designed to operate from a single power supply over a wide range of voltages.
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 4 Independent Amplifiers |
| **Supply Voltage (Single)** | 3V to 32V |
| **Supply Voltage (Dual)** | ±1.5V to ±16V |
| **Input Offset Voltage** | 2mV (Typical) |
| **Gain Bandwidth Product** | 1.2 MHz |
| **Operating Temperature** | -25°C to +85°C (Industrial Grade) |
| **Quiescent Current** | 0.8mA (Low power consumption) |
---
### 3. Key Features
* **Wide Supply Range:** Can be powered by common logic levels (5V) or higher industrial voltages (24V).
* **Single Supply Operation:** Unlike older op-amps that require both positive and negative rails, the LM224 can function with the negative rail tied to ground.
* **Internal Frequency Compensation:** Eliminates the need for external components to maintain stability.
* **Low Input Bias Current:** Minimizes errors when used with high-impedance sensors.
---
### 4. Pin Configuration (14-Pin Layout)
The "14" in the part number indicates a 14-pin arrangement. The standard layout for a quad op-amp is:
```text
Pin 1: Output 1 Pin 14: Output 4
Pin 2: Inverting (-) 1 Pin 13: Inverting (-) 4
Pin 3: Non-Inv (+) 1 Pin 12: Non-Inv (+) 4
Pin 4: VCC (Positive) Pin 11: GND / VEE (Negative)
Pin 5: Non-Inv (+) 2 Pin 10: Non-Inv (+) 3
Pin 6: Inverting (-) 2 Pin 9: Inverting (-) 3
Pin 7: Output 2 Pin 8: Output 3
```
---
### 5. Common Applications
* **Transducer Amplifiers:** Scaling signals from pressure or temperature sensors.
* **DC Gain Blocks:** Simple signal boosting.
* **Active Filters:** Creating low-pass or high-pass filters for audio or sensor data.
* **Comparators:** Comparing two voltages (though dedicated comparators like LM339 are faster).
- ⤷
What is the main difference between the LM224 and the LM324?
- ⤷ Can the LM224 be used in high-speed signal processing?
- ⤷ What are the specific soldering requirements for the TSSOP-14 package?