Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LM224-S14-R

  • AI
    ## Technical Overview of the LM224-S14-R The **LM224-S14-R** is a high-performance, low-power **quadruple operational amplifier (Op-Amp)**. It consists of four independent, high-gain, internally frequency-compensated operational amplifiers designed specifically to operate from a single power supply over a wide range of voltages. ### 1. General Specifications The following table summarizes the key electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Quad Operational Amplifier | | **Package Type** | SOP-14 (Small Outline Package) | | **Supply Voltage (Single)** | 3V to 32V | | **Supply Voltage (Dual)** | ±1.5V to ±16V | | **Number of Channels** | 4 | | **Input Bias Current** | 45 nA (Typical) | | **Input Offset Voltage** | 2 mV (Typical) | | **Operating Temperature** | -40°C to +85°C | | **Packing Type** | Tape & Reel (indicated by "-R") | --- ### 2. Key Internal Features The LM224 series is popular in industrial and consumer electronics due to several internal design advantages: * **Internal Frequency Compensation:** Eliminates the need for external components to maintain stability at unity gain. * **Large DC Voltage Gain:** Typically around 100 dB, providing high precision in amplification tasks. * **Wide Bandwidth:** Supports a 1 MHz unity-gain bandwidth. * **Common-Mode Input Range:** Includes the negative rail (ground), which allows direct sensing near 0V in single-supply applications. * **Low Quiescent Current:** The current drain is independent of the magnitude of the power supply voltage. --- ### 3. Pinout Configuration (SOP-14) The S14 designation refers to the 14-pin surface mount package. The standard pin mapping is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **OUTPUT 1** | Output of the first amplifier | | 2 | **INPUT 1-** | Inverting input of the first amplifier | | 3 | **INPUT 1+** | Non-inverting input of the first amplifier | | 4 | **Vcc** | Positive power supply | | 5 | **INPUT 2+** | Non-inverting input of the second amplifier | | 6 | **INPUT 2-** | Inverting input of the second amplifier | | 7 | **OUTPUT 2** | Output of the second amplifier | | 8 | **OUTPUT 3** | Output of the third amplifier | | 9 | **INPUT 3-** | Inverting input of the third amplifier | | 10 | **INPUT 3+** | Non-inverting input of the third amplifier | | 11 | **GND / Vee** | Ground or negative power supply | | 12 | **INPUT 4+** | Non-inverting input of the fourth amplifier | | 13 | **INPUT 4-** | Inverting input of the fourth amplifier | | 14 | **OUTPUT 4** | Output of the fourth amplifier | --- ### 4. Typical Applications Because the LM224-S14-R can operate directly from the standard 5V used in digital systems, it is commonly used for: 1. **Transducer Amplifiers:** Scaling small signals from sensors. 2. **DC Gain Blocks:** Providing simple voltage amplification. 3. **Active Filters:** Implementing low-pass, high-pass, or band-pass filters. 4. **Comparators:** Used in simple voltage level detection (though specialized comparators are faster). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LM224 and the LM324?
    • ⤷ Can the LM224-S14-R be used with a split (dual) power supply?
    • ⤷ What is the significance of the 'S14-R' suffix in the part number?