LM26CIM5-RPA/NOPB.
AI

The **LM26CIM5-RPA/NOPB** is a precision, single-chip, factory-programmed thermostat (temperature switch) manufactured by Texas Instruments. It is designed to trigger a digital output when a specific temperature threshold is reached.
---
## 1. Core Technical Specifications
The following table summarizes the key electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Factory-Preset Thermostat / Temperature Switch |
| **Trip Temperature** | Fixed (Pre-programmed) - Typically specific to the suffix |
| **Operating Voltage** | 2.7V to 5.5V |
| **Supply Current** | 16 µA (typical) / 40 µA (max) |
| **Output Type** | Open-Drain (Active Low) |
| **Accuracy** | ±3°C (Max) from -25°C to 110°C |
| **Hysteresis** | 2°C or 10°C (Fixed internally) |
| **Package** | SOT-23-5 (Small Outline Transistor) |
---
## 2. Pin Configuration (SOT-23-5)
Understanding the pinout is essential for PCB design:
1. **HYST (Pin 1):** Hysteresis control pin. Connecting to V+ or GND selects between different hysteresis levels (usually 2°C or 10°C).
2. **GND (Pin 2):** Ground.
3. **V+ (Pin 3):** Positive supply voltage.
4. **T_DET (Pin 4):** Digital Output. This is an open-drain output that pulls low when the trip temperature is exceeded.
5. **VTEMP (Pin 5):** Analog Output. Provides a voltage proportional to the current temperature (approx. -6.2 mV/°C).
---
## 3. Key Features & Functionality
### Open-Drain Output
The **T_DET** pin requires a pull-up resistor to a logic voltage (which can be different from the V+ supply, up to 5.5V). This makes it ideal for interfacing with microcontrollers or directly driving a small MOSFET for fan control.
### Factory Programming
The "RPA" in the part number signifies the specific temperature trip point and output logic configuration set at the factory.
* **Trip Point:** Typically represents a specific temperature (e.g., 45°C, 65°C, etc.).
* **Response:** In this specific "RPA" configuration, the output transitions when the temperature rises above the setpoint.
### Analog Monitoring
Unlike simple thermal switches, this part also provides the **VTEMP** analog output. This allows a system to not only react to a "critical" heat event but also monitor the actual temperature via an ADC (Analog-to-Digital Converter).
---
## 4. Typical Application Circuit
```mermaid
graph LR
VCC[+5V] --- R1[Pull-up Resistor]
R1 --- Pin4[T_DET Pin 4]
Pin4 --- MCU[Microcontroller Input]
VCC --- Pin3[V+ Pin 3]
GND --- Pin2[GND Pin 2]
```
---
- ⤷
What is the specific trip temperature for the 'RPA' suffix version?
- ⤷ How do I calculate the temperature from the VTEMP analog output voltage?
- ⤷ Can the LM26 be used to control a cooling fan directly?