LM2853_15
AI

## Overview of the LM2853-1.5
The **LM2853-1.5** is a highly integrated, synchronous buck (step-down) voltage regulator. It is part of the SIMPLE SWITCHER® family by Texas Instruments, designed to provide a high-efficiency power solution with minimal external components.
The "1.5" suffix indicates that this specific variant is factory-trimmed to provide a **fixed output voltage of 1.5V**.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 3.0V to 5.5V |
| **Output Voltage** | 1.5V (Fixed) |
| **Maximum Output Current** | 3A |
| **Switching Frequency** | 550 kHz (Typical) |
| **Efficiency** | Up to 90% |
| **Package** | HTSSOP-14 (PowerPAD) |
---
### 2. Internal Electronic Architecture
The LM2853 integrates several critical electronic stages into a single chip:
* **Internal MOSFETs:** It contains both the high-side and low-side power MOSFETs. Because it is synchronous, it uses a MOSFET instead of a Schottky diode for the catch-rectifier, which significantly reduces power loss.
* **PWM Control Loop:** It utilizes a voltage-mode control scheme with internal compensation. This means the user does not need to design complex RC networks to stabilize the power supply.
* **Soft-Start Circuitry:** Includes an internal soft-start to reduce inrush current during power-up, preventing voltage spikes and protecting the input source.
* **Protection Features:**
* **Over-Current Protection (OCP):** Limits the current to protect the chip from shorts.
* **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safety limits (typically 165°C).
---
### 3. Essential External Components
While the LM2853 is highly integrated, it requires four primary external components to function:
| Component | Function | Recommendation |
| :--- | :--- | :--- |
| **Input Capacitor ($C_{IN}$)** | Filters noise from the input supply. | 10µF - 22µF Ceramic (X5R/X7R) |
| **Output Capacitor ($C_{OUT}$)** | Smooths the output voltage ripple. | 47µF - 100µF Low ESR |
| **Inductor ($L$)** | Stores energy during the switching cycle. | 1.5µH to 3.3µH (Rated for >3A) |
| **Bootstrap Capacitor ($C_{BST}$)** | Drives the high-side MOSFET gate. | Typically 10nF to 100nF |
---
### 4. Typical Application Circuit
```mermaid
graph LR
Vin[Input 3.3V/5V] --> Cin
Cin --> LM2853[LM2853-1.5]
LM2853 --> L[Inductor]
LM2853 --> Cbst[Boot Cap]
L --> Vout[Output 1.5V]
Vout --> Cout
Cout --> GND
```
---
### 5. Design Considerations
* **Thermal Management:** The HTSSOP-14 package features a **PowerPAD**. This metal pad on the bottom must be soldered to a large copper area on the PCB (connected to Ground) to dissipate heat.
* **Layout:** Keep the input capacitor as close to the `VIN` and `GND` pins as possible to minimize EMI and high-frequency noise.
---
- ⤷What are the main differences between the LM2853 and the LM2596?
- ⤷ Can the LM2853-1.5 be adjusted to a different output voltage?
- ⤷ Why is a low ESR capacitor recommended for the output?