LM317-AA3-R
AI

### Overview of LM317-AA3-R
The **LM317-AA3-R** is an adjustable three-terminal positive voltage regulator capable of supplying more than 1.5A over an output-voltage range of 1.25V to 37V. It is a highly popular component due to its robustness and ease of use in power management circuits.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage Range** | 1.25V to 37V |
| **Output Current** | 1.5A (Typical) |
| **Input-Output Voltage Differential** | 40V (Maximum) |
| **Package Type** | SOT-223 (AA3 designation) |
| **Reference Voltage** | 1.25V (Typical) |
| **Operating Temperature** | 0°C to +125°C |
| **Load Regulation** | 0.1% |
---
### Key Electronic Features
1. **Adjustable Output**: Unlike fixed regulators (like the 7805), the LM317 uses a resistive divider to set the output voltage.
2. **Internal Protections**:
* **Internal Short-Circuit Current Limiting**: Protects the IC if the output is shorted to ground.
* **Thermal Overload Protection**: Automatically shuts down if the junction temperature becomes too high.
* **Safe-Area Compensation**: Adjusts the output based on the input-output differential to protect the internal pass transistor.
3. **Floating Operation**: The regulator "floats" on the output voltage. As long as the maximum input-to-output voltage differential is not exceeded, it can regulate supplies at several hundred volts.
---
### Pin Configuration (SOT-223 Package)
In the **AA3** (SOT-223) package, the pinout is generally as follows:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1** | **ADJ** | Adjust pin; used to set the output voltage. |
| **2 / Tab** | **VOUT** | Regulated output voltage. |
| **3** | **VIN** | Unregulated input voltage. |
---
### Basic Application Circuit
To set the output voltage, two resistors ($R_1$ and $R_2$) are required. The output voltage is calculated using the following formula:
$$V_{OUT} = 1.25V \times (1 + \frac{R_2}{R_1}) + I_{ADJ} \times R_2$$
*(Note: Since $I_{ADJ}$ is typically very small (50μA), it is often neglected for basic calculations.)*
```text
VIN ----[ LM317 ]---- VOUT
| |
ADJ --------[R1]
| |
[R2] --------+
|
GND
```
---
### Ordering Information Suffixes
* **AA3**: Indicates the **SOT-223** surface mount package.
* **R**: Typically indicates **Tape & Reel** packaging for automated assembly.
- ⤷
How do I calculate the heat sink requirements for an LM317 in a SOT-223 package?
- ⤷ What are the recommended capacitor values for stable operation of the LM317?
- ⤷ Can the LM317 be used as a constant current source?