Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LM317K-S08-R

  • AI
    The **LM317K-S08-R** is an adjustable 3-terminal positive voltage regulator. It is a surface-mount version (SOP-8 package) of the classic LM317 linear regulator, designed to supply more than 1.5A of load current with an output voltage adjustable over a 1.25V to 37V range. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage Range** | 1.25V to 37V | | **Output Current** | > 1.5A (with adequate heat sinking) | | **Input-Output Differential** | 40V (Maximum) | | **Line Regulation** | 0.01% (Typical) | | **Load Regulation** | 0.1% (Typical) | | **Package Type** | SOP-8 (Small Outline Package) | | **Operating Temperature** | 0°C to +125°C | --- ### 2. Functional Description The LM317K-S08-R operates by maintaining a constant reference voltage ($V_{ref}$) of **1.25V** between the Output and Adjustment terminals. By using a resistive divider between these pins, the user can set the output voltage. #### The Formula: The output voltage is calculated using the following equation: `Vout = 1.25V * (1 + R2/R1) + (Iadj * R2)` *(Note: Since Iadj is typically very small (~50μA), it is often neglected in basic calculations.)* --- ### 3. Internal Protections This component is highly robust due to several integrated safety features: 1. **Current Limiting:** Internal circuitry limits the maximum current to prevent damage during an overload. 2. **Thermal Overload Protection:** The device will shut down if the internal junction temperature exceeds safe limits. 3. **Safe Area Protection:** Protects the internal power transistor from operating outside its safe power limits. --- ### 4. Typical Application Circuit To ensure stability and performance, the following external components are usually required: ```mermaid graph LR Vin --> Cin[0.1uF Ceramic] Cin --> LM317 LM317 --> R1[240 Ohm] R1 --> R2[Potentiometer] R2 --> GND LM317 --> Cout[1uF Tantalum] Cout --> Vout ``` * **Cin (0.1μF):** Required if the regulator is located far from the power supply filter. * **Cout (1.0μF):** Improves transient response and stability. * **Protection Diodes:** Recommended when using large output capacitors to prevent discharge back into the regulator. --- ### 5. SOP-8 Pin Configuration Unlike the TO-220 version, the **SOP-8** package distributes the pins differently to manage heat. Typically, multiple pins are connected to the same node (e.g., several pins for Vout) to act as a heat sink via the PCB copper.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the heat dissipation requirements for the SOP-8 package?
    • ⤷ What are the advantages of using the LM317K in an SOP-8 package over a TO-220 package?
    • ⤷ Can the LM317K-S08-R be used as a constant current regulator?