LM317L-S08-R
AI

The **LM317L-S08-R** is a popular adjustable 3-terminal positive voltage regulator. It is designed to supply more than 100mA of load current with an output voltage adjustable over a range of 1.2V to 37V.
The suffix **S08** typically refers to the **SOP-8** (Small Outline Package) surface-mount package, and **R** usually denotes **Tape & Reel** packaging.
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Linear Positive Adjustable Regulator |
| **Output Current** | 100 mA (Max) |
| **Output Voltage Range** | 1.25V to 37V |
| **Input-Output Differential** | 40V (Max) |
| **Line Regulation** | 0.01% / V (Typical) |
| **Load Regulation** | 0.1% (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Style** | SOP-8 (Surface Mount) |
---
### ### Key Internal Components & Protection
The LM317L is not just a transistor; it contains a complex integrated circuit including:
1. **Reference Voltage Source:** An internal 1.25V bandgap reference used to compare against the output.
2. **Short-Circuit Protection:** Internal current limiting that reduces output if a short occurs.
3. **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safe limits.
4. **Safe Area Protection:** Limits power dissipation to prevent the internal pass transistor from burning out.
---
### ### Typical Application Circuit
To use the LM317L, two external resistors are required to set the output voltage. The formula is:
`Vout = 1.25V * (1 + R2 / R1) + (Iadj * R2)`
```c
Input Voltage (Vin)
|
[ LM317L ]-------+------- Output Voltage (Vout)
[ SOP-8 ] |
| [R1]
| |
Adjust Pin ------+
|
[R2]
|
Ground
```
---
### ### Pin Configuration (SOP-8)
In the SOP-8 package, several pins are often connected internally to provide better heat dissipation (Heat Sinking).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Vout** | Regulated Output Voltage |
| 2, 3, 6, 7 | **Vout** | Output (Connected for heat sinking) |
| 4 | **Adj** | Adjust Pin (Voltage Divider Input) |
| 5 | **NC** | No Connection |
| 8 | **Vin** | Unregulated Input Voltage |
- ⤷How do I calculate the power dissipation for the LM317L in an SOP-8 package?
- ⤷ What are the recommended capacitor values for input and output stability?
- ⤷ How does the LM317L differ from the standard LM317T?