LM317ML-AA3-R
AI

## Overview of the LM317ML-AA3-R
The **LM317ML-AA3-R** is a specific variant of the popular LM317 series. It is an **Adjustable 3-Terminal Positive Voltage Regulator** designed to supply more than 100mA of load current with an output voltage adjustable over a range of 1.2V to 37V.
The suffix code `AA3` typically refers to the **SOT-223** surface-mount package, and `R` usually denotes **Tape & Reel** packaging.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | Adjustable |
| **Input Voltage (Max)** | 40V (Voltage differential $V_{in} - V_{out}$) |
| **Output Voltage Range** | 1.25V to 37V |
| **Output Current** | 100mA (Minimum guaranteed) |
| **Reference Voltage** | 1.25V (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-223 (Small Outline Transistor) |
---
### 2. Internal Functionality
The device is exceptionally easy to use, requiring only two external resistors to set the output voltage. It includes several internal protection features:
* **Internal Short-Circuit Current Limiting:** Limits the current if the output is shorted to ground.
* **Thermal Overload Protection:** Shuts down the device if the internal temperature becomes too high.
* **Safe Area Compensation:** Adjusts the output current limit based on the voltage across the regulator to prevent transistor failure.
---
### 3. Application Circuit (Standard Hookup)
To set the output voltage ($V_{out}$), you use a resistive divider between the Output, Adjustment, and Ground pins.
```text
Vin ---- [LM317ML] ---- Vout
| |
|---[R1]-----|
| |
|---[R2]----- GND
|
ADJ
```
#### The Formula:
The output voltage is calculated using:
$$V_{out} = 1.25V \times \left(1 + \frac{R_2}{R_1}\right) + (I_{adj} \times R_2)$$
*(Note: $I_{adj}$ is usually small enough to be neglected in basic calculations.)*
---
### 4. Pin Configuration (SOT-223)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | **ADJ** | Adjust pin; used to set the output voltage. |
| **2 / Tab** | **Vout** | Output voltage (connected to the large cooling tab). |
| **3** | **Vin** | Unregulated input voltage. |
---
### 5. Pros and Cons of the LM317ML
**Pros:**
* **Versatility:** Can be used as a programmable output regulator or a precision current limiter.
* **Robustness:** Hard to destroy due to thermal and current limiting.
* **Form Factor:** The SOT-223 package is excellent for space-constrained PCB designs.
**Cons:**
* **Efficiency:** As a linear regulator, it dissipates heat based on the voltage drop ($P = (V_{in} - V_{out}) \times I_{load}$).
* **Current Limit:** Limited to 100mA, unlike the standard LM317 (1.5A) or LM317M (500mA).
- ⤷
What is the maximum power dissipation for the SOT-223 package of the LM317ML?
- ⤷ How do I calculate the heat sink requirements for this regulator?
- ⤷ Can the LM317ML be used as a constant current source?