LM317ML-TN3-R
AI

## LM317ML-TN3-R: Electronic Specifications and Overview
The **LM317ML-TN3-R** is a specific variant of the widely used LM317 family. It is an adjustable 3-terminal positive voltage regulator capable of supplying in excess of 100mA over an output voltage range of 1.2V to 37V.
### 1. Part Number Breakdown
The suffixing on this specific part (likely manufactured by **UTC - Unisonic Technologies**) defines its package and delivery method:
* **LM317ML**: The "M" typically denotes the medium-current version (100mA to 500mA range depending on thermal management).
* **TN3**: Refers to the **TO-252 (D-PAK)** surface-mount package.
* **R**: Indicates **Tape & Reel** packaging for automated assembly.
---
### 2. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage Range** | 1.2V to 37V |
| **Output Current** | 100mA (Minimum guaranteed) |
| **Input-Output Differential** | 40V (Maximum) |
| **Line Regulation** | 0.01% / V (Typical) |
| **Load Regulation** | 0.1% (Typical) |
| **Reference Voltage ($V_{ref}$)** | 1.25V |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Pin Configuration (TO-252)
When looking at the front of the component (leads pointing down):
1. **ADJ (Adjust)**: The feedback pin used to set the output voltage via a resistor divider.
2. **Vout (Output)**: The regulated output voltage (internally connected to the large thermal tab).
3. **Vin (Input)**: The unregulated input voltage.
---
### 4. Typical Application Circuit
To set the output voltage, two external resistors ($R1$ and $R2$) are required. The formula is:
$$V_{out} = V_{ref} \left(1 + \frac{R2}{R1}\right) + (I_{adj} \times R2)$$
```python
# Standard Resistor Values Example:
# R1 = 240 Ohms (connected between Vout and ADJ)
# R2 = Potentiometer or Fixed Resistor (connected between ADJ and Ground)
# Vref = 1.25V
```
---
### 5. Notable Features
* **Internal Protection**: Includes current limiting, thermal overload protection, and safe-area compensation. These remain functional even if the adjustment terminal is disconnected.
* **Floating Operation**: The regulator "floats" on the output voltage. As long as the input-to-output differential does not exceed 40V, it can regulate high-voltage supplies.
* **Elimination of Stockpiling**: By using an adjustable regulator, designers do not need to stock multiple fixed-voltage regulators (5V, 9V, 12V, etc.).
- ⤷
How do I calculate the heat dissipation for the LM317ML in a TO-252 package?
- ⤷ What are the recommended capacitor values for stable operation?
- ⤷ Can this part be used as a constant current source?