AI

## Overview of the LM324-P14-R
The **LM324-P14-R** is a specific variant of the widely-used LM324 series. It is a **Quad Operational Amplifier (Op-Amp)**, meaning it contains four independent, high-gain, internally frequency-compensated operational amplifiers in a single package.
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 4 (Quad) |
| **Supply Voltage (Single)** | 3V to 32V |
| **Supply Voltage (Dual)** | ±1.5V to ±16V |
| **Package Type** | TSSOP-14 or PDIP-14 (Depending on manufacturer suffix) |
| **Gain Bandwidth Product** | 1.2 MHz |
| **Slew Rate** | 0.5 V/µs |
| **Operating Temperature** | -25°C to +85°C (Standard Industrial) |
---
### Internal Features and Architecture
The LM324 is designed specifically to operate from a **single power supply** over a wide range of voltages. Its internal design offers several advantages for modern electronic circuits:
1. **True Differential Inputs:** The input common-mode voltage range includes the negative supply (ground), which eliminates the need for external biasing components in many applications.
2. **Low Power Consumption:** It features a very low supply current drain (typically 700 µA), making it ideal for battery-operated devices.
3. **Internally Compensated:** It does not require external capacitors for frequency stability.
---
### Pinout Configuration (14-Pin Layout)
The "P14" in the part number typically refers to the **14-pin** configuration. The layout is standard across most manufacturers:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUTPUT 1 | Output of the first Op-Amp |
| 2 | INPUT 1- | Inverting input of the first Op-Amp |
| 3 | INPUT 1+ | Non-inverting input of the first Op-Amp |
| 4 | Vcc | Positive power supply |
| 5 | INPUT 2+ | Non-inverting input of the second Op-Amp |
| 6 | INPUT 2- | Inverting input of the second Op-Amp |
| 7 | OUTPUT 2 | Output of the second Op-Amp |
| 8 | OUTPUT 3 | Output of the third Op-Amp |
| 9 | INPUT 3- | Inverting input of the third Op-Amp |
| 10 | INPUT 3+ | Non-inverting input of the third Op-Amp |
| 11 | GND / Vee | Ground or negative power supply |
| 12 | INPUT 4+ | Non-inverting input of the fourth Op-Amp |
| 13 | INPUT 4- | Inverting input of the fourth Op-Amp |
| 14 | OUTPUT 4 | Output of the fourth Op-Amp |
---
### Common Applications
Because it contains four amplifiers, the LM324-P14-R is often used in complex signal processing tasks:
* **Transducer Amplifiers:** Scaling signals from sensors (LDRs, Thermistors).
* **DC Gain Blocks:** Simple signal boosting.
* **Active Filters:** Designing Low-pass, High-pass, or Band-pass filters.
* **Comparators:** Comparing two voltages to trigger a logic output.
* **Oscillators:** Generating square, sine, or triangle waves.
---
### Decoding the Part Number Suffixes
* **LM324:** The base model number.
* **P14:** Indicates a 14-pin package (usually Plastic DIP or TSSOP).
* **R:** Often signifies **Tape and Reel** packaging for automated assembly, or a specific revision by the manufacturer (like Rohm or Texas Instruments).
- ⤷What is the difference between LM324 and LM358?
- ⤷ How do I calculate the gain for a non-inverting amplifier using the LM324?
- ⤷ Can the LM324 be used with a split/dual power supply?