AI

## LM324-S14-R: Detailed Component Overview
The **LM324-S14-R** is a specific variant of the widely-used LM324 series. It is a **Quadruple Operational Amplifier (Op-Amp)** designed to operate from a single power supply over a wide range of voltages.
### 1. Part Number Breakdown
Understanding the suffix is crucial for identifying the package and shipping method:
| Part Segment | Meaning |
| :--- | :--- |
| **LM324** | Base part number (Quad Operational Amplifier) |
| **S14** | Package code (Typically denotes **SOP-14** / Small Outline Package) |
| **R** | Packing method (Typically denotes **Tape & Reel**) |
---
### 2. Key Technical Specifications
The LM324 is known for its versatility in low-power and battery-operated applications.
| Feature | Specification |
| :--- | :--- |
| **Number of Channels** | 4 (Quad) |
| **Supply Voltage (Single)** | 3.0V to 32V |
| **Supply Voltage (Dual)** | ±1.5V to ±16V |
| **Input Offset Voltage** | 2mV (typical) |
| **Gain Bandwidth Product** | 1.2 MHz |
| **Operating Temperature** | -40°C to +85°C (Standard Industrial) |
| **Common Mode Input Range** | Includes Ground (V-) |
---
### 3. Pin Configuration (SOP-14)
The device contains four independent amplifiers within a single 14-pin package.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 7, 8, 14 | **Output 1-4** | Output of each respective op-amp |
| 2, 6, 9, 13 | **Inverting Input (-)** | Negative input of each op-amp |
| 3, 5, 10, 12 | **Non-Inverting Input (+)** | Positive input of each op-amp |
| 4 | **Vcc** | Positive supply voltage |
| 11 | **GND / Vcc-** | Ground or negative supply voltage |
---
### 4. Core Features and Advantages
* **Single Supply Operation:** Unlike many older op-amps (like the 741), the LM324 can operate with the negative rail tied directly to ground.
* **Low Power Consumption:** Designed for low quiescent current, making it ideal for portable electronics.
* **Internal Frequency Compensation:** Eliminates the need for external components to maintain stability.
* **Cost-Efficiency:** One of the most affordable multi-channel op-amps on the market.
---
### 5. Common Applications
* **Transducer Amplifiers:** Interfacing sensors with microcontrollers.
* **DC Gain Blocks:** Simple signal amplification.
* **Active Filters:** Low-pass, high-pass, and band-pass filters.
* **Comparators:** Comparing two voltage levels (though dedicated comparators like LM339 are faster).
* **Analog Signal Processing:** Adding, subtracting, or integrating signals.
- ⤷What are the main differences between the LM324 and the LM358?
- ⤷ Can the LM324 be used as a high-speed comparator?
- ⤷ What is the maximum output current for each channel of the LM324?