AI

The **LM324G-P14-R** is a specific variant of the widely used LM324 series. It is a quad operational amplifier (op-amp) designed to operate from a single power supply over a wide range of voltages.
---
## 1. Component Overview
The "LM324G-P14-R" suffix typically refers to specific manufacturing and packaging standards (often associated with UTC - Unisonic Technologies Co.):
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Quad Operational Amplifier |
| **Number of Channels** | 4 Independent Op-Amps |
| **Package Type** | SOP-14 (Small Outline Package) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Halogen Free** | Yes (Indicated by the 'G' suffix) |
| **Packing Type** | Tape & Reel (Indicated by the 'R' suffix) |
---
## 2. Technical Specifications
The LM324 is famous for its versatility in low-power and battery-operated devices.
### Electrical Characteristics
* **Supply Voltage ($V_{cc}$):** Single supply (3V to 32V) or Dual supplies ($\pm1.5V$ to $\pm16V$).
* **Low Supply Current:** 700 µA (independent of supply voltage).
* **Input Offset Voltage:** 2mV (typical).
* **Bandwidth:** 1 MHz (unity gain).
* **Large DC Voltage Gain:** 100 dB.
---
## 3. Pin Configuration (SOP-14)
The device contains four separate amplifiers sharing the same power pins.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 7, 8, 14 | OUTPUT | Outputs for Op-Amps 1, 2, 3, and 4 |
| 2, 6, 9, 13 | IN (-) | Inverting Inputs |
| 3, 5, 10, 12 | IN (+) | Non-inverting Inputs |
| 4 | $V_{cc}$ | Positive Power Supply |
| 11 | GND / $V_{ee}$ | Ground or Negative Power Supply |
---
## 4. Key Advantages and Applications
### Advantages
* **Eliminates External Biasing:** The common-mode input voltage range includes ground, allowing direct sensing near GND.
* **Cost-Effective:** Consolidating four amplifiers into one chip saves PCB space and cost.
* **Wide Voltage Range:** Compatible with almost all logic systems (TTL/CMOS).
### Common Applications
1. **Transducer Amplifiers:** For magnifying signals from sensors.
2. **DC Gain Blocks:** Simple signal amplification in DC circuits.
3. **Active Filters:** Implementing low-pass, high-pass, or band-pass filters.
4. **Comparators:** Used in voltage monitoring and level detection.
---
## 5. Typical Schematic Example
Below is a simple representation of how one of the four amplifiers might be configured as a **Non-Inverting Amplifier**:
```text
Vcc (+)
|
+----|----+
| | |
Vin-->(+) \ |
| >--+--- Vout
Rf+--|(-) / |
| | | |
| +----|----+
| |
R1 GND
|
GND
```
*Equation: $V_{out} = V_{in} \times (1 + \frac{R_f}{R_1})$*
- ⤷
What are the main differences between the LM324 and the LM358?
- ⤷ Can the LM324G-P14-R be used with a split/dual power supply?
- ⤷ What is the maximum output current this IC can provide?