LM339-P14-R
AI

### Overview of the LM339-P14-R
The **LM339-P14-R** is a specific part number variation of the industry-standard LM339 integrated circuit. It belongs to a family of **quad differential comparators**. These devices are designed to compare two voltage levels and output a digital signal indicating which one is higher.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Comparators** | 4 (Quad) |
| **Supply Voltage (Single)** | +2V to +36V |
| **Supply Voltage (Dual)** | ±1V to ±18V |
| **Output Type** | Open Collector |
| **Package Type** | TSSOP-14 or SOP-14 (indicated by P14) |
| **Response Time** | 1.3 µs (Typical) |
| **Operating Temperature** | -40°C to +125°C (Extended range) |
---
### Internal Structure and Features
1. **Open-Collector Output:**
The LM339 uses an open-collector configuration. This means the output requires an external **pull-up resistor** to function. This allows the IC to interface with different logic levels (e.g., 3.3V, 5V, or 15V) regardless of the supply voltage.
2. **Wide Common-Mode Range:**
The input common-mode voltage range includes ground, even when operated from a single supply voltage.
3. **Low Power Consumption:**
It is designed for low power drain, making it suitable for battery-operated devices.
4. **Quad Configuration:**
Having four independent comparators in one package allows for complex logic operations or window comparators in a compact space.
---
### Pinout Configuration (14-Pin)
The "P14" in the part number refers to the 14-pin package. The typical layout is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | Output 2 | Output of the second comparator |
| 2 | Output 1 | Output of the first comparator |
| 3 | Vcc | Positive Supply Voltage |
| 4 | Input 1- | Inverting input of comparator 1 |
| 5 | Input 1+ | Non-inverting input of comparator 1 |
| 6 | Input 2- | Inverting input of comparator 2 |
| 7 | Input 2+ | Non-inverting input of comparator 2 |
| 8 | Input 3- | Inverting input of comparator 3 |
| 9 | Input 3+ | Non-inverting input of comparator 3 |
| 10 | Input 4- | Inverting input of comparator 4 |
| 11 | Input 4+ | Non-inverting input of comparator 4 |
| 12 | GND | Ground (or negative supply) |
| 13 | Output 4 | Output of the fourth comparator |
| 14 | Output 3 | Output of the third comparator |
---
### Typical Applications
* **Limit Comparators:** Checking if a voltage is above or below a set reference.
* **Zero-Crossing Detectors:** Detecting when an AC signal crosses 0V.
* **Oscillators:** Creating square wave generators.
* **Level Translators:** Converting signals between different voltage domains (e.g., 12V logic to 5V logic).
* **Battery Monitors:** Triggering an LED or alarm when battery voltage drops below a threshold.
- ⤷
What is the purpose of the open-collector output in the LM339?
- ⤷ How do I calculate the value for the required pull-up resistor?
- ⤷ What is the difference between an operational amplifier and a comparator like the LM339?