Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LM339G-P14-R

  • AI
    ### Overview of LM339G-P14-R The **LM339G-P14-R** is a specific variant of the widely used LM339 series. It is a **Quad Differential Comparator**, meaning it contains four independent voltage comparators within a single integrated circuit (IC) package. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Supply Voltage (Single)** | +2V to +36V | | **Supply Voltage (Dual)** | ±1V to ±18V | | **Output Type** | Open Collector | | **Low Supply Current** | ~0.8mA (Independent of supply voltage) | | **Response Time** | ~1.3 $\mu$s | | **Package Type** | TSSOP-14 (Thin Shrink Small Outline Package) | --- ### 2. Functional Characteristics #### A. Open-Collector Output The output of the LM339G is an open-collector NPN transistor. This requires an external **pull-up resistor** to function correctly. This design allows: * Interfacing with different logic levels (e.g., 3.3V, 5V, or 15V logic). * Creating "Wired-OR" connections where multiple comparator outputs are tied together. #### B. Wide Input Common-Mode Range The input common-mode voltage range includes ground, even when operated from a single supply voltage. This makes it ideal for sensing signals near 0V. #### C. Low Input Bias Current It features low input offset and bias currents, which minimizes errors when dealing with high-impedance signal sources. --- ### 3. Pin Configuration (P14-R Package) The "P14" denotes a 14-pin package. Below is the standard layout for the Quad Comparator: | Pin Number | Function | Pin Number | Function | | :--- | :--- | :--- | :--- | | 1 | Output 2 | 8 | - Input 3 | | 2 | Output 1 | 9 | + Input 3 | | 3 | Vcc (Power) | 10 | - Input 4 | | 4 | - Input 1 | 11 | + Input 4 | | 5 | + Input 1 | 12 | GND (Ground) | | 6 | - Input 2 | 13 | Output 4 | | 7 | + Input 2 | 14 | Output 3 | --- ### 4. Common Applications * **Limit Comparators:** Checking if a voltage is within a specific range. * **Zero Crossing Detectors:** Identifying when an AC signal crosses 0V. * **Oscillators:** Creating square wave generators. * **Level Translators:** Converting signals between different voltage domains. * **Battery Monitors:** Triggering an LED or alarm when battery voltage drops below a threshold. --- ### 5. Part Number Suffix Breakdown * **LM339:** The base model (Quad Comparator). * **G:** Often denotes "Green" or Halogen-free materials (manufacturer dependent, like UTC). * **P14:** Indicates the 14-pin TSSOP package. * **R:** Usually indicates "Tape & Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ Why is a pull-up resistor necessary for an open-collector output?
    • ⤷ What is the difference between the LM339 and the LM393?
    • ⤷ How do you calculate the threshold voltage for a comparator circuit?