LM339L-P14-R
AI

The **LM339L-P14-R** is a specific variant of the widely used LM339 family. It is a **Low Power Quad Voltage Comparator** designed to operate from a single power supply over a wide range of voltages.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The "L" in the part number often signifies "Low Power," and the "P14" refers to the package type.
| Feature | Specification |
| :--- | :--- |
| **Number of Comparators** | 4 (Quad) |
| **Supply Voltage (Single)** | +2V to +36V |
| **Supply Voltage (Split/Dual)** | ±1V to ±18V |
| **Supply Current** | 0.8mA (Typical, regardless of supply voltage) |
| **Input Offset Voltage** | ±2mV (Typical) |
| **Output Type** | Open Collector |
| **Package Type** | TSSOP-14 or DIP-14 (Depending on manufacturer suffix) |
---
### 2. Pin Configuration (14-Pin Layout)
The device contains four independent comparators sharing a single Vcc and Ground.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **OUTPUT 2** | Open collector output of 2nd comparator |
| 2 | **OUTPUT 1** | Open collector output of 1st comparator |
| 3 | **Vcc** | Positive Supply |
| 4 | **INPUT 1-** | Inverting input of 1st comparator |
| 5 | **INPUT 1+** | Non-inverting input of 1st comparator |
| 6 | **INPUT 2-** | Inverting input of 2nd comparator |
| 7 | **INPUT 2+** | Non-inverting input of 2nd comparator |
| 8 | **INPUT 3-** | Inverting input of 3rd comparator |
| 9 | **INPUT 3+** | Non-inverting input of 3rd comparator |
| 10 | **INPUT 4-** | Inverting input of 4th comparator |
| 11 | **INPUT 4+** | Non-inverting input of 4th comparator |
| 12 | **GND** | Ground (or negative supply) |
| 13 | **OUTPUT 4** | Open collector output of 4th comparator |
| 14 | **OUTPUT 3** | Open collector output of 3rd comparator |
---
### 3. Key Electronic Characteristics
#### A. Open Collector Output
The output stage is an NPN transistor with an uncommitted collector.
* **Pull-up Resistor:** You **must** use an external pull-up resistor to interface with logic families (TTL, CMOS).
* **Voltage Level Shifting:** The pull-up resistor can be connected to a different voltage than Vcc (e.g., Vcc is 12V, but pull-up is 5V for MCU compatibility).
#### B. Common-Mode Input Range
The input common-mode voltage range includes ground (0V), even when operated from a single supply voltage. This makes it ideal for sensing signals near the negative rail.
#### C. Low Power Consumption
Designed for battery-operated devices, the drain current is significantly lower than standard operational amplifiers used as comparators.
---
### 4. Typical Applications
* **Limit Comparators:** Checking if a signal is within a specific voltage window.
* **Zero Crossing Detectors:** Detecting when an AC signal crosses 0V.
* **Voltage Level Detectors:** Used in battery monitoring to trigger "Low Battery" LEDs.
* **Oscillators:** Can be used to create square wave generators.
---
### 5. Part Number Suffix Decoding
While coding varies by manufacturer (like UTC or TI), the "P14-R" usually breaks down as follows:
* **P14**: 14-pin package.
* **R**: Tape and Reel packaging (for automated PCB assembly).
- ⤷
Why is a pull-up resistor required for the LM339 output?
- ⤷ How does the LM339 compare to the LM311 comparator?
- ⤷ Can I use the LM339 with a dual power supply?