LM393L-S08-R
AI

### Overview of the LM393L-S08-R
The **LM393L-S08-R** is a specific variant of the widely used LM393 series. It is a **dual independent precision voltage comparator**. The "L" suffix typically denotes a "Lead-free/RoHS compliant" version, and "S08-R" refers to the package type (SOP-8) and packing (Tape & Reel).
---
### 1. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Supply Voltage (Single)** | +2.0V to +36V |
| **Supply Voltage (Dual)** | ±1.0V to ±18V |
| **Drain Current** | 0.4 mA (Low power consumption) |
| **Input Offset Voltage** | ±5.0 mV (Maximum) |
| **Output Type** | Open Collector |
| **Package Type** | SOP-8 (Small Outline Package) |
---
### 2. Internal Block Diagram & Pinout
The LM393 contains two independent operational amplifiers designed specifically to function as comparators.
* **Pin 1:** Output 1
* **Pin 2:** Inverting Input 1 (-)
* **Pin 3:** Non-inverting Input 1 (+)
* **Pin 4:** GND (or Negative Supply)
* **Pin 5:** Non-inverting Input 2 (+)
* **Pin 6:** Inverting Input 2 (-)
* **Pin 7:** Output 2
* **Pin 8:** Vcc (Positive Supply)
---
### 3. Electronic Characteristics
#### A. Open-Collector Output
The output stage of the LM393L is an **Open-Collector**. This means it does not have an internal pull-up resistor.
* **Requirement:** You must use an external pull-up resistor (typically 1kΩ to 10kΩ) to connect the output to the desired logic voltage level.
* **Benefit:** This allows for "wired-OR" connections and interfacing between different logic levels (e.g., a 5V supply for the chip but a 3.3V pull-up for a microcontroller).
#### B. Common-Mode Input Range
The input common-mode voltage range includes ground (0V), even when operated from a single supply voltage. This makes it ideal for sensing signals near 0V.
#### C. Low Power Consumption
The device is optimized for battery-operated systems, drawing very little current regardless of the supply voltage.
---
### 4. Typical Application Circuit
Below is a simple code-like representation of how a threshold detector is wired:
```text
Vcc (+5V) ------- [ Pull-up Resistor ] ------- Output (Pin 1)
|
+---- To MCU Input
Ref Voltage (2.5V) ---- Pin 2 (Inverting Input)
Sensor Signal --------- Pin 3 (Non-inverting Input)
GND ------------------- Pin 4
```
---
### 5. Common Use Cases
1. **Level Detectors:** Comparing a sensor voltage against a reference.
2. **Zero-Crossing Detectors:** Identifying when an AC signal passes through 0V.
3. **Square Wave Generators:** Using feedback to create oscillators.
4. **Battery Monitors:** Triggering an LED or alarm when voltage drops below a threshold.
---
- ⤷
Why is a pull-up resistor necessary for the LM393L output?
- ⤷ What is the difference between an LM393 and a standard Op-Amp like the LM358?
- ⤷ Can the LM393L be powered by a single 3.3V supply?